Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS858020 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS858020
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS858020 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS858020 Datasheet HTML 5Page - Integrated Device Technology ICS858020 Datasheet HTML 6Page - Integrated Device Technology ICS858020 Datasheet HTML 7Page - Integrated Device Technology ICS858020 Datasheet HTML 8Page - Integrated Device Technology ICS858020 Datasheet HTML 9Page - Integrated Device Technology ICS858020 Datasheet HTML 10Page - Integrated Device Technology ICS858020 Datasheet HTML 11Page - Integrated Device Technology ICS858020 Datasheet HTML 12Page - Integrated Device Technology ICS858020 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
858020AK
9
REV. A DECEMBER 10, 2007
ICS858020
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-CML FANOUT BUFFER
SCHEMATIC EXAMPLE
Figure 3 shows a schematic example of the ICS858020. This
schematic provides examples of input and output handling.The
ICS858020 input has built-in 50
Ω termination resistors.The in-
put can directly accept various types of differential signal with-
out AC couple. If AC couple termination is used, the ICS858020
also provides VREF_AC pin for proper offset level after the AC
Zo = 50
Zo = 50
3.3V
Zo = 50
U1
ICS858020
1
2
3
4
9
10
11
12
IN
VT
VREF_AC
nIN
nQ2
Q2
nQ1
Q1
Zo = 50
100 Ohm Dif f erential
+
-
LVPECL
R2
100
R4
100
3.3V
C1
0.1u
Zo = 50
3.3V
C2
0.1u
2.5V
R1
100
C6
C5
Zo = 50
R3
100
3.3V
100 Ohm Dif f erential
+
-
FIGURE 3. ICS858020 APPLICATION SCHEMATIC EXAMPLE
couple. This example shows the ICS858020 input driven by a
2.5V LVPECL driver with AC couple. The ICS858020 outputs
are CML driver with built-in 50
Ω pull up resistors. In this ex-
ample, we assume the traces are long transmission line and the
receiver is high input impedance without built-in matched load.
An external 100
Ω resistor across the receiver input is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com