Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS858020 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS858020
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS858020 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS858020 Datasheet HTML 4Page - Integrated Device Technology ICS858020 Datasheet HTML 5Page - Integrated Device Technology ICS858020 Datasheet HTML 6Page - Integrated Device Technology ICS858020 Datasheet HTML 7Page - Integrated Device Technology ICS858020 Datasheet HTML 8Page - Integrated Device Technology ICS858020 Datasheet HTML 9Page - Integrated Device Technology ICS858020 Datasheet HTML 10Page - Integrated Device Technology ICS858020 Datasheet HTML 11Page - Integrated Device Technology ICS858020 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
858020AK
8
REV. A DECEMBER 10, 2007
ICS858020
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-CML FANOUT BUFFER
LVPECL INPUT WITH BUILT-IN 50
Ω
Ω
Ω
Ω
Ω TERMINATION INTERFACE (3.3V)
The IN /nIN with built-in 50
Ω terminations accepts LVDS,
LVPECL, LVHSTL, CML, SSTL and other differential signals.
Both VSWING and VOH must meet the V
IH and VIL input require-
ments. Figures 2A to 2D show interface examples for the
HiPerClockS IN/nIN input with built-in 50
Ω terminations driven
by the most common driver types. The input interfaces sug-
gested here are examples only. If the driver is from another
vendor, use the termination they recommend. Please consult
with the vendor of the driver component to confirm the driver
termination requirements.
FIGURE 2A. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN LVDS DRIVER
FIGURE 2B. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN LVPECL DRIVER
FIGURE 2D. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY A CML DRIVER
WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω PULLUP
3.3V
Zo = 50 Ohm
3.3V
LVDS
Receiver
With
Built-In
50 Ohm
IN
nIN
VT
Zo = 50 Ohm
R1
50
IN
nIN
VT
3.3V
Zo = 50 Ohm
Receiver
With
Built-In
50 Ohm
3.3V
LVPECL
Zo = 50 Ohm
FIGURE 2E. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN SSTL DRIVER
3.3V
Receiver
With
Built-In
50 Ohm
Zo = 50 Ohm
IN
nIN
VT
3.3V
Zo = 50 Ohm
CML- Built-in 50 Ohm Pull-Up
FIGURE 2C. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY A CML DRIVER
WITH
OPEN COLLECTOR
Zo = 50 Ohm
Zo = 50 Ohm
3.3V
R2
25
Receiver
With
Built-In
50 Ohm
IN
nIN
VT
SSTL
R1
25
3.3V
3.3V
CML- Open Collector
IN
nIN
VT
Zo = 50 Ohm
Receiver
With
Built-In
50 Ohm
3.3V
Zo = 50 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com