Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS858020 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS858020
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS858020 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS858020 Datasheet HTML 6Page - Integrated Device Technology ICS858020 Datasheet HTML 7Page - Integrated Device Technology ICS858020 Datasheet HTML 8Page - Integrated Device Technology ICS858020 Datasheet HTML 9Page - Integrated Device Technology ICS858020 Datasheet HTML 10Page - Integrated Device Technology ICS858020 Datasheet HTML 11Page - Integrated Device Technology ICS858020 Datasheet HTML 12Page - Integrated Device Technology ICS858020 Datasheet HTML 13Page - Integrated Device Technology ICS858020 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
858020AK
13
REV. A DECEMBER 10, 2007
ICS858020
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-CML FANOUT BUFFER
TABLE 6. ORDERING INFORMATION
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
K
A
0
2
0
8
5
8
S
C
IA
0
2
0N
F
Q
F
V
d
a
e
L
6
1e
b
u
TC
°
5
8
o
t
C
°
0
4
-
T
K
A
0
2
0
8
5
8
S
C
IA
0
2
0N
F
Q
F
V
d
a
e
L
6
1l
e
e
R
&
e
p
a
T
0
0
5
2C
°
5
8
o
t
C
°
0
4
-
F
L
K
A
0
2
0
8
5
8
S
C
IL
A
0
2N
F
Q
F
V
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
6
1e
b
u
TC
°
5
8
o
t
C
°
0
4
-
T
F
L
K
A
0
2
0
8
5
8
S
C
IL
A
0
2N
F
Q
F
V
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
6
1l
e
e
R
&
e
p
a
T
0
0
5
2C
°
5
8
o
t
C
°
0
4
-
.
t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
i
t
a
r
u
g
i
f
n
o
c
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
i
f
f
u
s
"
F
L
"
n
a
h
t
i
w
d
e
r
e
d
r
o
e
r
a
t
a
h
t
s
t
r
a
P
:
E
T
O
N
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology, Incorporated (IDT) assumes no responsibility for either its use or for
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
and industrial applications. Any other applications such as those requiring high reliability or other extraordinary environmental requirements are not recommended without additional processing by
IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com