Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS858020 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS858020
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS858020 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS858020 Datasheet HTML 3Page - Integrated Device Technology ICS858020 Datasheet HTML 4Page - Integrated Device Technology ICS858020 Datasheet HTML 5Page - Integrated Device Technology ICS858020 Datasheet HTML 6Page - Integrated Device Technology ICS858020 Datasheet HTML 7Page - Integrated Device Technology ICS858020 Datasheet HTML 8Page - Integrated Device Technology ICS858020 Datasheet HTML 9Page - Integrated Device Technology ICS858020 Datasheet HTML 10Page - Integrated Device Technology ICS858020 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
858020AK
7
REV. A DECEMBER 10, 2007
ICS858020
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-CML FANOUT BUFFER
LVPECL INPUT WITH BUILT-IN 50
Ω
Ω
Ω
Ω
Ω TERMINATION INTERFACE (2.5V)
The IN/nIN with built-in 50
Ω terminations accepts LVDS,
LVPECL, LVHSTL, CML, SSTL and other differential signals.
Both VSWING and VOH must meet the V
IH and VIL input require-
ments. Figures 1A to 1D show interface examples for the
HiPerClockS IN/nIN input with built-in 50
Ω terminations driven
by the most common driver types. The input interfaces sug-
gested here are examples only. If the driver is from another
vendor, use the termination they recommend. Please consult
with the vendor of the driver component to confirm the driver
termination requirements.
APPLICATION INFORMATION
FIGURE 1A. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN LVDS DRIVER
FIGURE 1B. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN LVPECL DRIVER
IN
nIN
VT
2.5V
LVDS
3.3V or 2.5V
Zo = 50 Ohm
Zo = 50 Ohm
Receiver
With
Built-In
50 Ohm
Zo = 50 Ohm
Receiver
With
Built-In
50 Ohm
Zo = 50 Ohm
IN
nIN
VT
2.5V
2.5V
R1
18
2.5V LVPECL
FIGURE 1E. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN SSTL DRIVER
FIGURE 1C. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY AN OPEN COLLECTOR
CML DRIVER
FIGURE 1D. HIPERCLOCKS IN/nIN INPUT WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω DRIVEN BY A CML DRIVER
WITH
BUILT-IN 50
Ω
Ω
Ω
Ω
Ω PULLUP
Zo = 50 Ohm
2.5V
Zo = 50 Ohm
IN
nIN
VT
Receiver
With
Built-In
50 Ohm
2.5V
CML - Open Collector
IN
nIN
VT
Receiver
With
Built-In
50 Ohm
2.5V
Zo = 50 Ohm
Zo = 50 Ohm
CML - Built-in 50 Ohm Pull-up
2.5V
2.5V
2.5V
SSTL
R1
25
R2
25
IN
VT
nIN
Receiver With Built-In 50
Ω
Zo = 50 Ohm
Zo = 50 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com