Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSE570-EVO2 Datasheet(PDF) 3 Page - Mclennan Servo Supplies Ltd.

Part # MSE570-EVO2
Description  3.5 Amp Bi-polar stepper motor drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCLENNAN [Mclennan Servo Supplies Ltd.]
Direct Link  https://www.mclennan.co.uk/
Logo MCLENNAN - Mclennan  Servo Supplies Ltd.

MSE570-EVO2 Datasheet(HTML) 3 Page - Mclennan Servo Supplies Ltd.

  MSE570-EVO2 Datasheet HTML 1Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 2Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 3Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 4Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 5Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 6Page - Mclennan  Servo Supplies Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Mclennan Servo Supplies Ltd. Tel: +44 (0)8707 700 700 www.mclennan.co.uk
Issue 002
Specification
MSE570
Type without front panel
Type with front panel
MSE570 Evo 2
PM570 Evo 2
Notes
Supply Voltage
Current consumption
Vdc
Amps
15-48 + 10% max.
1-2.7 A
Max ripple: 3 V peak/Peak
Depending on motor selected
Logic Supply Voltage
Vdc
No separate supply required
Use motor supply
Output Stage
Output current per phase
Step logic
Amps
2 Phase Bi-polar
2 Phase Bi-polar
0.5 to 3.5
Full step / half step
Chopped constant current
Chopped constant current
Set by on-board DIP switch
Open circuit for full step
Control signals
CMOS Schmitt trigger
@ 12V with 10K
Ω pull-up resistors
& diode isolation
Logic 0: ( Low )
Volts
0 to 2
or contact closure to 0V
Logic 1: ( high )
Volts
9V to 30V max.
or open circuit
Monitor Outputs
Low Level
High Level
Volts
Volts
Open collector NPN transistor
1 max.
Open Circuit
Referenced to 0V
@ 30mA max.
+ 24V max.
Auxiliary outputs
Vdc
Vdc
Regulated +12V @ 50mA max.
Regulated +5V @ 50mA max.
For use with on-board oscillator
Thermal Protection
Standard
Automatic shutdown protection
Condition monitoring
Standard
Via 5 way LED display + outputs
Up-grade options
On board Oscillator
Optional
User fit options: refer to manual
Dimensions
mm
100 high x 160 long x 35.5
Std. Eurocard : Use 7HP wide panel
Typical Connections
External Oscillator connections *
Note* Oscillator connections when circuit is fitted to MSE570 Printed circuit board
C
A
2
o
o
4
o
o
6
o
o
8
o
o
10 o
o
12 o
o
14 o
o
16 o
o
18 o
o
20 o
o
22 o
o
24 o
o
26 o
o
28 o
o
30 o
o
32 o
o
Motor Supply ( 15 to 48 Vdc)
Sync input/output
Home output
Direction ( cw / ccw ) input
Step ( Clock ) input
Full/ half step input
Reset input
Output disable input
Current reduction input
Overload output signal
Over temperature output
Oscillator speed control input *
Oscillator clock output *
Oscillator base speed input *
Oscillator run/stop input *
+12 V output (50mA)
+ 5 V output (50mA)
Connector: 32 way a & c DIN41612 type D
0V Common
Phase A+
Phase A-
Phase B+
Phase B-
+12V
Pin 26a
VR2 high speed set
Max
Min
0V
Pin 30a
Base speed
VCO input
Pin 22a
High speed
VR1
Base
base speed
Speed
Pin 24a
set
Stop
Pin 24 c
Run
VCO out
Step
Pin 22 c
Pin 14 c
Oscillator Frequency
High / base switch
10 kHz
Max typical setting
high speed
high
run
stop switch
base speed
Time



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com