Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSE570-EVO2 Datasheet(PDF) 4 Page - Mclennan Servo Supplies Ltd.

Part # MSE570-EVO2
Description  3.5 Amp Bi-polar stepper motor drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCLENNAN [Mclennan Servo Supplies Ltd.]
Direct Link  https://www.mclennan.co.uk/
Logo MCLENNAN - Mclennan  Servo Supplies Ltd.

MSE570-EVO2 Datasheet(HTML) 4 Page - Mclennan Servo Supplies Ltd.

  MSE570-EVO2 Datasheet HTML 1Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 2Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 3Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 4Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 5Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 6Page - Mclennan  Servo Supplies Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Mclennan Servo Supplies Ltd. Tel: +44 (0)8707 700 700 www.mclennan.co.uk
Issue 002
Stepper motor drive current settings
MSE570
The motor phase current can be set to suit the motor to be driven by the use of the on-board DIP switch fitted to the
MSE570. The table below shows the nominal phase currents for each setting
Switch
Setting
Nominal Current
per phase
Typical
Motor
Motor
Connections
Typical Power Supply
consumption @
SW2-1
SW2-2
SW2-3
SW2-4
( Amps )
36 Vdc ( Amps )
off
off
off
off
0
off
off
off
on
0.5
1.0
off
off
on
off
0.9
17HS-020
4 lead
1.1
off
off
on
on
1.2
23HS-102
parallel
1.2
off
on
off
off
1.3
23HSX-102
parallel
1.3
off
on
off
on
1.6
1.4
off
on
on
off
1.85
17HS-240
4 lead
1.4
off
on
on
on
2.1
23HS-104
parallel
1.4
on
off
off
off
2.3
23HS-304
parallel
1.7
on
off
off
on
2.5
34HS-109
series
1.8
on
off
on
off
2.7
23HSX-202
parallel
1.9
on
off
on
on
2.9
34HS-106
parallel
2.0
on
on
off
off
3.0
34HS-209
series
2.1
on
on
off
on
3.1
23HS-309
series
2.1
on
on
on
off
3.3
34HS 109
series
2.3
on
on
on
on
3.5
23HSX-206
23HS-309
23HSX-306
34HS-109
34HS-209
34HSX-108
34HSX-208
34HSX-312
parallel
parallel
parallel
parallel
parallel
parallel
parallel
series
2.7
Recommended motor-drive-connection combinations shown in BOLD
Rack mounting power supply
MSE562
The MSE562 is designed for mounting in a 3U high Eurorack and is
ideal for use with the MSE570 drive card. The unit will power up to 2
small motor axes or a single axis using a 34HS size motor. For
applications requiring multi-axis operation using a combination of
motors requiring high current settings the MSE173 Power supply or
MSE875 units are recommended to drive up to 4 motors.
MSE562 provides a 35 Vdc motor rail for high speed operation
using the MSE570 Evo 2 drive.
Alternatively, where a motor is to be used at ultra high speed, the
MSE562’s 70 Vdc rail can be utilised in conjunction with a PM546
Drive
Specification
Width
142.2 mm ( 28E )
Depth
220
mm
Mounting
3U high rack installation
Connector
DIN41612 type D ( 32 way a & c )
AC Supply
230 / 115 Vac 50 or 60 Hz.
Outputs:
5V +0.25 V
1.5A Max
100mV ripple max.
24V + 2.0 V
1.0 A Max.
2.5 V ripple max.
35V +3.0 V
3.0A Max
4.0 V ripple max.
70V +3.0 V
2.0 A Max
14.0 V ripple max.
Connections: Refer to handbook



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com