Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSE570-EVO2 Datasheet(PDF) 5 Page - Mclennan Servo Supplies Ltd.

Part # MSE570-EVO2
Description  3.5 Amp Bi-polar stepper motor drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCLENNAN [Mclennan Servo Supplies Ltd.]
Direct Link  https://www.mclennan.co.uk/
Logo MCLENNAN - Mclennan  Servo Supplies Ltd.

MSE570-EVO2 Datasheet(HTML) 5 Page - Mclennan Servo Supplies Ltd.

  MSE570-EVO2 Datasheet HTML 1Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 2Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 3Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 4Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 5Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 6Page - Mclennan  Servo Supplies Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Mclennan Servo Supplies Ltd. Tel: +44 (0)8707 700 700 www.mclennan.co.uk
Issue 002
Performance using MSE570 with alternative supply voltages
Size 17 hybrid motors:
Size 23 high speed hybrid motors:
Size 34 high speed hybrid motor:
Coils in parallel, 1.2 amps per phase
0.9 amps per phase
Coils in parallel, 3.5
amps per phase
17HS-020
0
2
4
6
8
10
12
0
2500
5000
7500
10000 12500 15000
half steps per sec. ( 0.9 degrees )
36V
40V
17HS-240
0
2
4
6
8
10
12
14
16
0
2500 5000 7500 10000 12500 15000
half steps per sec. ( 0.9 degrees )
36V
40V
2.3 amps per phase
23HS 104 Mk 2
0
5
10
15
20
25
30
35
40
0
5000
10000
15000
20000
half steps per sec. ( 0.9 degrees )
36V
40V
, Coils in parallel , 2.1 amps per phase
23HS 309 Mk 2
0
5
10
15
20
25
30
35
40
0
5000
10000
15000
20000
half steps per sec. ( 0.9 degrees )
36V
40V
Coils in parallel, 3.5 amps per phase
34HS-109
0
20
40
60
80
100
0
5000
10000
15000
20000
half steps per sec ( 0.9 degrees )
36V
40V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com