Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSE570-EVO2 Datasheet(PDF) 6 Page - Mclennan Servo Supplies Ltd.

Part # MSE570-EVO2
Description  3.5 Amp Bi-polar stepper motor drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCLENNAN [Mclennan Servo Supplies Ltd.]
Direct Link  https://www.mclennan.co.uk/
Logo MCLENNAN - Mclennan  Servo Supplies Ltd.

MSE570-EVO2 Datasheet(HTML) 6 Page - Mclennan Servo Supplies Ltd.

  MSE570-EVO2 Datasheet HTML 1Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 2Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 3Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 4Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 5Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 6Page - Mclennan  Servo Supplies Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mclennan Servo Supplies Ltd. Tel: +44 (0)8707 700 700 www.mclennan.co.uk
Issue 002
Performance using MSE570 with alternative supply voltages
Size 23 high torque hybrid motors:
Size 34 high torque hybrid motors:
Quick reference motor guide:
Size 17 motors
Motor
Frame size
Length
Max Working
torque *
17HS-020
34 mm
8 Ncm
17HS 240
42 mm
square
46 mm
12 Ncm
Motor
Frame size
Length
Max Working
torque *
Size 23 high speed stepper motors
Size 23 high torque stepper motors
23HS-104
52 mm
20 Ncm
23HSX-206
55 mm
40 Ncm
23HS-309
∅ 57 mm
67 mm
30 Ncm
23HSX-306
57 mm
square
78.5 mm
60 Ncm
Size 34 high speed stepper motor
Size 34 high torque stepper motors
34HS-109
∅ 86 mm
62.3 mm
50 Ncm
34HSX-108
67 mm
80 Ncm
34HSX-208
∅ 86 mm
94 mm
125 Ncm
Note* Maximum recommended working torque to allow adequate reserve for acceleration
Coils in parallel, 3.5 amps per phase
23HSX-206
0
10
20
30
40
50
60
70
0
5000
10000
15000
20000
half steps per sec.( 0.9 degrees )
36V
40V
23HSX-306
0
10
20
30
40
50
60
70
80
90
100
0
2000
4000
6000
8000 10000
half steps per sec. ( 0.9 degrees )
36V
40V
Coils in parallel, 3.5 amps per phase
34HSX-208
0
50
100
150
200
250
0
1000 2000 3000 4000 5000 6000
half steps per sec. ( 0.9 degrees )
36V
40V
Coils in parallel, 3.5 amps per phase
Coils in parallel, 3.5 amps per phase
34HSX-108
0
20
40
60
80
100
120
140
0
2000 4000 6000 8000 10000 12000
half steps per sec.( 0.9 degrees )
36V
40V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com