Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSE570-EVO2 Datasheet(PDF) 2 Page - Mclennan Servo Supplies Ltd.

Part # MSE570-EVO2
Description  3.5 Amp Bi-polar stepper motor drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCLENNAN [Mclennan Servo Supplies Ltd.]
Direct Link  https://www.mclennan.co.uk/
Logo MCLENNAN - Mclennan  Servo Supplies Ltd.

MSE570-EVO2 Datasheet(HTML) 2 Page - Mclennan Servo Supplies Ltd.

  MSE570-EVO2 Datasheet HTML 1Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 2Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 3Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 4Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 5Page - Mclennan  Servo Supplies Ltd. MSE570-EVO2 Datasheet HTML 6Page - Mclennan  Servo Supplies Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mclennan Servo Supplies Ltd. Tel: +44 (0)8707 700 700 www.mclennan.co.uk
Issue 002
LED 1
Green
Power in on
LED 2
Yellow
Output is disabled
LED 3
Red
Over-temperature fault detected
LED 4
Red
Overload fault detected
LED 5
Yellow
Home phase output
3.5 Amp Bi-polar stepper motor drive
MSE570 Evo 2
The MSE570 is a low cost high performance Eurocard Bi-polar drive
designed for mounting in 3U high Euro-racks. Ideally suited for use
with Nema size 17, 23 & 34 stepper motors, the unit provides a wide
range of current options. Designed for use by original equipment
manufacturers, the unit provides a reliable and economic in-service
proven’ drive solution. Furthermore, the MSE570 design enables
users to customise the unit to meet their exact requirements by
providing a series of up-grade options which can easily be
implemented.
Improved Output stage efficiency
The MSE570 Evo 2 features a chopped constant current output
stage with on-board current settings from 0.5 to 3.5 Amps per phase
to meet the requirements of virtually any 2 or 4 phase hybrid stepper
motor in the Nema 17, 23 & 34 frame sizes. The use of chopped
constant current drive techniques combined with the latest
developments in power stage technology results in significant
advances in efficiency. Furthermore, the output current may be
reduced via an external input when the motor is at standstill to
reduce temperature rise in the drive and the motor. The drive is
designed for use with rail voltages from 15 to 48 Vdc such as
MSE173 when up to 7 drives can be incorporated in a single rack
together with the power supply. For high speed operation the Power
supplies type MSE562 & MSE875 are recommended for single and
multi axis applications depending on motor current settings.
Choice of full or half step drive
The MSE570 may be set to operate in full step or half step drive. Half step drive is recommended since it provides
increased resolution ( 400 steps/rev. using conventional hybrid stepper motors ) together with improved smoothness and
damping of motor resonance.
Thermal Protection
A thermal sensor is fitted to prevent overheating of the output stages.
The drive may be automatically disabled on over-temperature by setting switch SW1-1 on.
Status LED’s for condition monitoring
The MSE570 drive board has five status LEDs. The
status LEDs provide a visual indication of drive
condition. The function of each indicator is shown in
the table. Surface-mount types are fitted as
standard, with provision for the user to fit through-
board types. These may be soldered into locations
at the front edge of the board.
Customising the MSE570 to meet individual application requirements
Choice of external or internal step control
In most applications MSE570 will be operated in conjunction with an external control source consisting of a clock pulse
train to determine rate and distance together with a direction signal. Where operation off line from a control processor is
required a print on the circuit board is provided for the user to add a simple voltage controlled oscillator to facilitate manual
control of the motor drive system.
New Features
• Increased efficiency
• No heatsink required
• Reduces width
• Increased operating voltage
• Single rail supply for both logic
and motor
• Standard Thermal protection &
condition monitoring



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com