Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DECASMDC050F/60 Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # DECASMDC050F/60
Description  Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DECASMDC050F/60 Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button DECASMDC050F/60 Datasheet HTML 9Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 10Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 11Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 12Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 13Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 14Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 15Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 16Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
127
RoHS Compliant, ELV Compliant
HF Halogen Free
12
Fault Current (A)
100
10
1
0.1
0.01
0.001
10
0.1
1
100
A
A
B
B
C
C
D
D
E
E
F
F
G
G
H
H
I
I
J
J
K
K
M
M
L
L
N
N
O
O
Q
Q
R
R
S
S
T
T
P
P
Figure S9
miniSMDCxxxF and miniSMDExxxF
A=
miniSMDC010F, miniSMDC014F
B=
miniSMDC020F
C=
miniSMDC030F
D=
miniSMDC050F
E=
miniSMDC075F
F=
miniSMDC075F/24
G=
miniSMDC100F, miniSMDC110F
Fault Current (A)
100
10
1
0.1
0.01
0.001
0.1
1
10
100
A
A
B
B
C
C
D
E
F
G
H
I
D
E
F
G H
I
Figure S8
microSMDxxxF
A=
microSMD005F
B=
microSMD010F
C=
microSMD035F
D=
microSMD050F
E=
microSMD075F
F=
microSMD110F
G=
microSMD150F
H=
microSMD175F
I=
microSMD200F
Figure S5-S12 Typical Time-to-trip Curves at 20°C for Surface-mount Devices
Cont’d
H=
miniSMDC110F/16
I=
miniSMDC110F/24
J=
miniSMDC125F
K=
miniSMDC125F/16
L=
miniSMDC150F, miniSMDC150F/12
M=
miniSMDC150F/16
N=
miniSMDC150F/24
O=
miniSMDC160F
P=
miniSMDE190F
Q=
miniSMDC200F
R=
miniSMDC260F
S=
miniSMDC260F/12, miniSMDC260F/13.2,
miniSMDC260F/16
T=
miniSMDC300F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com