Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DECASMDC050F/60 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # DECASMDC050F/60
Description  Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DECASMDC050F/60 Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button DECASMDC050F/60 Datasheet HTML 7Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 8Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 9Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 10Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 11Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 12Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 13Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 14Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
125
RoHS Compliant, ELV Compliant
HF Halogen Free
12
midSMD Series
Size 5050 mm/2018 mils
SMD030F-2018
4.72
5.44
—
1.78
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
——
—
S3
(0.186) (0.214)
—
(0.070)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
——
—
decaSMDC050F/60
4.70
5.31
0.63
0.89
4.19
4.81
0.25
0.95
0.25
——
—
—
—
—
S2
(0.185) (0.209)
(0.025) (0.035)
(0.165) (0.189)
(0.010) (0.040)
(0.010)
——
—
—
—
—
SMD100F-2018
4.72
5.44
—
1.52
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
——
—
S3
(0.186) (0.214)
—
(0.060)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
——
—
SMD150F-2018
4.72
5.44
—
1.52
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
——
—
S3
(0.186) (0.214)
—
(0.060)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
——
—
SMD200F-2018
4.72
5.44
—
1.52
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
——
—
S3
(0.186) (0.214)
—
(0.060)
(0.166) (0.194)
(0.010) (0.014)
(0.010) (0.014)
(0.012) (0.018)
——
—
SMD Series
Size 7555 mm/2920 mils
SMD030F
6.73
7.98
—
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
—
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD050F
6.73
7.98
—
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
—
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD075F
6.73
7.98
—
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
—
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD075F/60
6.73
7.98
—
3.18
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
—
(0.125)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD100F
6.73
7.98
—
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
—
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD100F/33
6.73
7.98
—
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
—
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMDH120
6.73
7.98
—
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
—
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD125F
6.73
7.98
—
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
—
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD260F
6.73
7.98
—
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
—
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD300F
6.73
7.98
—
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
—
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD300F/15
6.73
7.98
—
3.00
4.80
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
S4
(0.265) (0.314)
—
(0.118)
(0.19) (0.214)
(0.022) (0.028)
(0.022) (0.028)
(0.085) (0.095)
(0.026) (0.054)
(0.017)
SMD2 Devices
Size 8763 mm/3425 mils
SMD150F
8.00
9.40
—
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
—
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
SMD150F/33
8.00
9.40
—
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
—
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
SMDH160
8.00
9.40
—
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
—
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
SMD185F
8.00
9.40
—
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
—
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
SMD200F
8.00
9.40
—
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
—
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
SMD250F
8.00
9.40
—
3.00
6.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
S4
(0.315) (0.370)
—
(0.118)
(0.236) (0.264)
(0.022) (0.028)
(0.022) (0.028)
(0.145) (0.155)
(0.026) (0.054)
(0.017)
Part Number
A
Min.
Max.
H
Min.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
Table S4 Dimensions for Surface-mount Devices in Millimeters (Inches)
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com