Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DECASMDC050F/60 Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # DECASMDC050F/60
Description  Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DECASMDC050F/60 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button DECASMDC050F/60 Datasheet HTML 8Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 9Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 10Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 11Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 12Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 13Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 14Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 15Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 16Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
126
RoHS Compliant, ELV Compliant
HF Halogen Free
12
Fault Current (A)
10
1
0.1
0.01
0.001
0.1
1
100
10
A
A
B
B
D
D
E
E
F
F
G
G
H
H
I
I
J
J
C
C
Figure S7
nanoSMDCxxxF
A=
nanoSMDC012F
B=
nanoSMDC016F
C=
nanoSMDC020F
D=
nanoSMDC025F
E=
nanoSMDC035F
F=
nanoSMDC050F/13.2
G=
nanoSMDC075F
H=
nanoSMDC110F
I=
nanoSMDC150F
J=
nanoSMDC200F
Fault Current (A)
100
10
1
0.1
0.01
0.001
0.01
0.1
10
1
A
A
B
B
C
C
D
D
E
E
G
F
G
F
Figure S5
femtoSMDCxxxF
A =
femtoSMDC005F
B =
femtoSMDC008F
C =
femtoSMDC010F
D=
femtoSMDC012F
E=
femtoSMDC016F
F=
femtoSMDC020F
G=
femtoSMDC035F
Fault Current (A)
100
10
1
0.1
0.01
0.001
0.0001
0.1
1
100
10
A
A
B
B
C
C
D
D
E
F
G
E
F
G
Figure S6
picoSMDCxxxS
A=
picoSMDC010S
B=
picoSMDC012S
C=
picoSMDC020S
D=
picoSMDC035S
E=
picoSMDC050S
F=
picoSMDC075S*
G=
picoSMDC110S*
* Data is preliminary
Figure S5-S12 Typical Time-to-trip Curves at 20°C for Surface-mount Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com