Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DECASMDC050F/60 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # DECASMDC050F/60
Description  Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DECASMDC050F/60 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  DECASMDC050F/60 Datasheet HTML 1Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 2Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 3Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 4Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 5Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 6Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 7Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 8Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
115
12
• Smaller size saves board space and cost
• Many product choices give engineers more design
flexibility
• Compatible with high-volume electronics assembly
• Assists in meeting regulatory requirements
• Higher voltage ratings allow use in new applications
• RoHS compliant
• Halogen free
(refers to: Br
900ppm, Cl
900ppm, Br+Cl
1500ppm)
• Broadest range of resettable devices available in the
industry
• Current ratings from 0.05 to 3A
• Voltage ratings from 6V computer and electronic
applications to 60V telecom applications
• Agency recognition: UL, CSA, TÜV
• Small footprint
• Fast time-to-trip
• Low resistance
• Computer
• Portable electronics
• Multimedia
Benefits
Features
Applications
• Game machines
• Telephony and broadband
• Mobile phones
• Automotive
• Industrial controls
• Battery
PolySwitch surface-mount devices are the preferred
circuit protection method for computer, consumer,
multimedia,
portable,
and
automotive
electronics
applications.
In an affort to reduce the size and cost of surface-mount
devices, we introduced the miniSMD product series in
1995.
Subsequently,
we
developed
the
microSMD,
nanoSMD, picoSMD and femtoSMD family of products.
The femtoSMD series reduced the device size to a
1608mm (0603 mils) footprint, one twelfth the size of
the popular miniSMD series.
Recent additions to the PolySwitch surface-mount series
include 0.5A picoSMD 1210mm (0805 mils) and 0.35A
femtoSMD 1608mm (0603 mils) devices.
PolySwitch Resettable Devices
Surface-mount Devices


Similar Part No. - DECASMDC050F/60

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
decaSMDC050F/60 MACOM-decaSMDC050F/60 Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
decaSMDC050F/60 MACOM-decaSMDC050F/60 Datasheet
307Kb / 16P
PolySwitch Resettable Devices Surface-mount Devices
DECASMDC050F/60 MACOM-DECASMDC050F/60 Datasheet
299Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
DECASMDC050F/60 LITTELFUSE-DECASMDC050F/60 Datasheet
308Kb / 20P
PolySwitch Resettable Devices Surface-mount Devices
logo
Tyco Electronics
decaSMDC050F/60-2 MACOM-decaSMDC050F/60-2 Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
More results

Similar Description - DECASMDC050F/60

ManufacturerPart #DatasheetDescription
logo
StarHope
USM SPSEMI-USM Datasheet
280Kb / 2P
Surface Mount Devices
TSM SPSEMI-TSM Datasheet
826Kb / 2P
Surface Mount Devices
SM SPSEMI-SM Datasheet
1Mb / 3P
Surface Mount Devices
NSM SPSEMI-NSM Datasheet
702Kb / 3P
Surface Mount Devices
MSM SPSEMI-MSM Datasheet
505Kb / 3P
Surface Mount Devices
ISM SPSEMI-ISM Datasheet
288Kb / 2P
Surface Mount Devices
DSM SPSEMI-DSM Datasheet
290Kb / 2P
Surface Mount Devices
PESD040205A015FR SPSEMI-PESD040205A015FR Datasheet
439Kb / 5P
Surface Mount Devices
logo
Shanghai Leiditech Elec...
LM130F LEIDITECH-LM130F Datasheet
486Kb / 2P
Surface mount devices
SMD1210P150L LEIDITECH-SMD1210P150L Datasheet
391Kb / 8P
Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com