Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DECASMDC050F/60 Datasheet(PDF) 8 Page - TE Connectivity Ltd

Part # DECASMDC050F/60
Description  Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DECASMDC050F/60 Datasheet(HTML) 8 Page - TE Connectivity Ltd

Back Button DECASMDC050F/60 Datasheet HTML 4Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 5Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 6Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 7Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 8Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 9Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 10Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 11Page - TE Connectivity Ltd DECASMDC050F/60 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
122
RoHS Compliant, ELV Compliant
HF Halogen Free
12
SMD Series
Size 7555 mm/2920 mils
SMD030F
0.30
0.60
60
10
1.70
1.50
3.00
1.200
4.800
S4
SMD050F
0.50
1.00
60
10
1.70
2.50
4.00
0.350
1.400
S4
SMD075F
0.75
1.50
30
40
1.70
8.00
0.30
0.350
1.000
S4
SMD075F/60
0.75
1.50
60
10
1.70
8.00
0.30
0.350
1.000
S4
SMD100F
1.10
2.20
30
40
1.70
8.00
0.50
0.120
0.480
S4
SMD100F/33
1.10
2.20
33
40
1.70
8.00
0.50
0.120
0.410
S4
SMDH120
1.20
2.30
16
50
2.00
8.00
2.00
0.150
0.340
S4
SMD125F
1.25
2.50
15
40
1.70
8.00
2.00
0.070
0.250
S4
SMD260F
2.60
5.20
6
40
1.70
8.00
20.00
0.025
0.075
S4
SMD300F
3.00
6.00
6
40
1.50
8.00
35.00
0.015
0.048
S4
SMD300F/15
3.00
6.00
15
40
1.50
8.00
35.00
0.015
0.050
S4
SMD2 Devices
Size 8763 mm/3425 mils
SMD150F
1.50
3.00
15
40
1.90
8.00
5.00
0.060
0.250
S4
SMD150F/33
1.50
3.00
33
40
1.90
8.00
5.00
0.080
0.230
S4
SMDH160
1.60
3.20
16
70
2.20
8.00
15.00
0.050
0.150
S4
SMD185F
1.85
3.60
33
40
1.50
8.00
5.00
0.065
0.165
S4
SMD200F
2.00
4.00
15
40
1.90
8.00
12.00
0.050
0.125
S4
SMD250F
2.50
5.00
15
40
1.90
8.00
25.00
0.035
0.085
S4
Part Number
IH
(A)
IT
(A)
VMAX
(VDC)
IMAX
(A)
PD MAX
(W)
Max. Time-to-Trip
(A)
(S)
RMIN
(
Ω)
R1MAX
(
Ω)
Figure for
Dimensions
Table S3 Electrical Characteristics for Surface-mount Devices at Room Temperature
Cont’d
C
A
B
E
D
Figure S2
B
H
C
F
G
A
D
E
Figure S4
B
F
A
D
E
C
Figure S3
Figure S2-S4 Dimension Figures for Surface-mount Devices
femtoSMDC Series
Size 1608 mm/0603 mils
femtoSMDC005F
1.40
1.80
0.45
0.85
0.60
1.00
0.10
0.50
0.075
——
—
—
—
—
S2
(0.055) (0.071)
(0.017) (0.033)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
—
—
—
—
femtoSMDC008F
1.40
1.80
0.45
0.85
0.60
1.00
0.10
0.50
0.075
——
—
—
—
—
S2
(0.055) (0.071)
(0.017) (0.033)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
—
—
—
—
femtoSMDC010F
1.40
1.80
0.45
0.85
0.60
1.00
0.10
0.50
0.075
——
—
—
—
—
S2
(0.055) (0.071)
(0.017) (0.033)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
—
—
—
—
femtoSMDC012F
1.40
1.80
0.35
0.75
0.60
1.00
0.10
0.50
0.075
——
—
—
—
—
S2
(0.055) (0.071)
(0.013) (0.030)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
—
—
—
—
femtoSMDC016F
1.40
1.80
0.35
0.75
0.60
1.00
0.10
0.50
0.075
——
—
—
—
—
S2
(0.055) (0.071)
(0.013) (0.030)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
—
—
—
—
femtoSMDC020F
1.40
1.80
0.35
0.75
0.60
1.00
0.10
0.50
0.075
——
—
—
—
—
S2
(0.055) (0.071)
(0.013) (0.030)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
—
—
—
—
femtoSMDC035F
1.40
1.80
0.55
0.95
0.60
1.00
0.10
0.50
0.075
——
—
—
—
—
S2
(0.055) (0.071)
(0.021) (0.037)
(0.023) (0.039)
(0.004) (0.020)
(0.003)
——
—
—
—
—
Part Number
A
Min.
Max.
H
Min.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
Table S4 Dimensions for Surface-mount Devices in Millimeters (Inches)
NEW
NEW
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com