Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R02D-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH8R02D-Y
Description  Automotive ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R02D-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STTH8R02D-Y Datasheet HTML 1Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 2Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 3Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 4Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 5Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 6Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 7Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 8Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STTH8R02D-Y
Characteristics
DocID029557 Rev 2
5/10
Figure 7: Peak reverse recovery current versus dIF
/ dt (typical values, per diode)
Figure 8: Dynamic parameters versus junction
temperature (per diode)
Figure 9: Relative variation of thermal impedance
junction to case total versus pulse duration
Figure 10: Thermal resistance junction to ambient
total versus copper surface under each tab (typical
values, per diode)
0
2
4
6
8
10
0
50
100
150
200
250
300
350
400
450
500
dI
F/dt(A/µs)
I
R M (A )
I
F = 4 A
V
R = 160 V
T
j = 125°C
T
j = 25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
T
j (°C)
Q
RR; IRM [T j ] / Q RR; IRM [T j = 125°C]
I
RM
Q
RR
I
F = 4 A
V
R = 160 V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
Z
th (j-c) /Rth (j-c)
Single pulse
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
Rth(j-a) (°C/W)
PowerFLAT 5x6 Dual Island
printed circuit board FR4, copper thickness: 35 µm
SCu(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com