Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R02D-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH8R02D-Y
Description  Automotive ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R02D-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH8R02D-Y Datasheet HTML 1Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 2Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 3Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 4Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 5Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 6Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 7Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 8Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STTH8R02D-Y
Characteristics
DocID029557 Rev 2
3/10
For more information, please refer to the following application notes related to the
power losses:
AN604: Calculation of conduction losses in a power rectifier
AN4021: Calculation of reverse losses in a power diode
Table 5: Dynamic electrical characteristics per diode (Tj = 25 °C, unless otherwise specified)
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 1 A
dIF/dt = -
50 A/μs
VR = 30 V
-
23
30
ns
IF = 1 A
dIF/dt = -
100 A/μs
VR = 30 V
-
15
20
IRM
Reverse recovery current
IF = 4 A
dIF/dt = -
200 A/μs
VR = 160 V
Tj = 125 °C
-
4.6
6.0
A
Qrr
Reverse recovery charge
-
65
nC
VFP
Forward recovery voltage
IF = 4 A
dIF
/dt = 50 A/μs
VFR = 1.1 x VF (max)
-
1.6
V
tfr
Forward recovery time
-
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com