Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R02D-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH8R02D-Y
Description  Automotive ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R02D-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH8R02D-Y Datasheet HTML 1Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 2Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 3Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 4Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 5Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 6Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 7Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 8Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 2017
DocID029557 Rev 2
1/10
This is information on a product in full production.
www.st.com
STTH8R02D-Y
Automotive ultrafast rectifier
Datasheet - production data
Features
AEC-Q101 qualified
Very low conduction losses
Negligible switching losses
Low forward and reverse recovery times
High junction temperature
ECOPACK®2 compliant component
PPAP capable
Dual Island package
Wettable flanks for automatic visual
inspection
Description
The STTH8R02D-Y is especially suited for
switching mode base drive and transistor circuits.
The device is also intended for use as a free
wheeling diode in power supplies and other
power switching applications in automotive
functions.
Table 1: Device summary
Symbol
Value
IF(AV)
2 x 4 A
VRRM
200 V
Tj (max.)
175 °C
VF (typ.)
0.71 V
trr (typ.)
16 ns
A1
K1
A2
K2


Similar Part No. - STTH8R02D-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH8R03 STMICROELECTRONICS-STTH8R03 Datasheet
86Kb / 6P
300V HYPERFAST RECTIFIER
Feb-2001
STTH8R03 STMICROELECTRONICS-STTH8R03 Datasheet
90Kb / 6P
300V HYPERFAST RECTIFIER
Feb-2001
STTH8R03D STMICROELECTRONICS-STTH8R03D Datasheet
86Kb / 6P
300V HYPERFAST RECTIFIER
Feb-2001
STTH8R03D STMICROELECTRONICS-STTH8R03D Datasheet
90Kb / 6P
300V HYPERFAST RECTIFIER
Feb-2001
STTH8R03DJF STMICROELECTRONICS-STTH8R03DJF Datasheet
181Kb / 9P
Ultrafast recovery diode high efficiency
16-May-2012
More results

Similar Description - STTH8R02D-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH2R02AF-Y STMICROELECTRONICS-STTH2R02AF-Y Datasheet
261Kb / 8P
Automotive ultrafast rectifier
27-Feb-2015
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
Automotive turbo 2 ultrafast high voltage rectifier
12-Dec-2014
STTH3R02-Y STMICROELECTRONICS-STTH3R02-Y Datasheet
261Kb / 8P
Automotive ultrafast rectifier
24-Feb-2015
STTH1002CSFY STMICROELECTRONICS-STTH1002CSFY Datasheet
334Kb / 10P
Automotive 200 V, dual 5 A ultrafast rectifier
Rev 1 - October 2020
STTH30RQ06-Y STMICROELECTRONICS-STTH30RQ06-Y Datasheet
539Kb / 17P
Automotive turbo 2 ultrafast high voltage rectifier
20-Nov-2018
STTH1R02-Y STMICROELECTRONICS-STTH1R02-Y Datasheet
314Kb / 8P
Automotive ultrafast rectifier
February 2017 Rev 1
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
Automotive turbo 2 ultrafast high voltage rectifier
05-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com