Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R02D-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH8R02D-Y
Description  Automotive ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R02D-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH8R02D-Y Datasheet HTML 1Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 2Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 3Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 4Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 5Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 6Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 7Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 8Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH8R02D-Y
4/10
DocID029557 Rev 2
1.1
Characteristics (curves)
Figure 1: Average forward power dissipation
versus average forward current (per diode)
Figure 2: Forward voltage drop versus forward
current (typical values)
Figure 3: Forward voltage drop versus forward
current (maximum values)
Figure 4: Junction capacitance versus reverse
voltage applied (typical values, per diode)
Figure 5: Reverse recovery charges versus dIF / dt
(typical values, per diode)
Figure 6: Reverse recovery time versus dIF / dt
(typical values, per diode)
0
1
2
3
5
6
0
1
2
3
4
5
6
I
F(AV )(A)
P
F
(AV )(W )
δ= 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ = tp/T
tp
4
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
VFM(V)
IFM(A)
T
j = 25 °C
T
j = 150 °C
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.5
1.0
1.5
2.0
2.5
VFM(V)
IFM(A)
T
j = 25 °C
T
j = 150 °C
10
100
1
10
100
1000
VR(V)
C(pF)
F = 1 MHz
V
osc = 30 mVRMS
T
j = 25°C
0
20
40
60
80
100
120
0
50
100
150
200
250
300
350
400
450
500
dI
F/dt(A/µs)
Q
R R (nC)
I
F = 4 A
V
R = 160 V
T
j = 125°C
T
j = 25°C
0
10
20
30
40
50
60
70
80
10
100
1000
t
RR(ns)
dI
F/dt(A/µs)
I
F = 4 A
V
R = 160 V
T
j = 125°C
T
j = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com