Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8R02D-Y Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH8R02D-Y
Description  Automotive ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8R02D-Y Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STTH8R02D-Y Datasheet HTML 2Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 3Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 4Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 5Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 6Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 7Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 8Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 9Page - STMicroelectronics STTH8R02D-Y Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STTH8R02D-Y
Package information
DocID029557 Rev 2
7/10
Table 6: PowerFLAT™ 5x6 dual pad package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.00
0.0315
0.0394
A1
0.02
0.05
0.0008
0.0020
A2
0.25
0.0098
b
0.30
0.50
0.0118
0.0197
C
5.80
6.00
6.10
0.2283
0.2362
0.2402
D
5.00
5.20
5.40
0.1969
0.2047
0.2126
D2
4.15
4.45
0.1634
0.1752
D3
4.05
4.20
4.35
0.1594
0.1654
0.1713
D4
4.80
5.00
5.10
0.1890
0.1969
0.2008
D5
0.25
0.40
0.55
0.0098
0.0157
0.0217
D6
0.15
0.30
0.45
0.0059
0.0118
0.0177
D7
1.68
1.98
0.0661
0.0780
e
1.27
0.0500
E
6.20
6.40
6.60
0.2441
0.2520
0.2598
E2
3.50
3.70
0.1378
0.1457
E3
2.35
2.55
0.0925
0.1004
E4
0.40
0.60
0.0157
0.0236
E5
0.08
0.28
0.031
0.0110
E6
0.20
0.325
0.45
0.0079
0.0128
0.0177
E7
0.85
1.00
1.15
0.0335
0.0394
0.0453
E8
0.55
0.75
0.0217
0.0295
E9
4.00
4.20
4.40
0.1575
0.1654
0.1732
E10
3.55
3.70
3.85
0.1398
0.1457
0.1516
K
1.05
1.35
0.0502
0.0620
L
0.90
1.00
1.10
0.0285
0.0325
0.0364
L1
0.175
0.275
0.375
0.0069
0.0108
0.0148
Ɵ
0°
12°
0°
12°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com