Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX1102
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX1102 Datasheet HTML 14Page - Texas Instruments TMUX1102 Datasheet HTML 15Page - Texas Instruments TMUX1102 Datasheet HTML 16Page - Texas Instruments TMUX1102 Datasheet HTML 17Page - Texas Instruments TMUX1102 Datasheet HTML 18Page - Texas Instruments TMUX1102 Datasheet HTML 19Page - Texas Instruments TMUX1102 Datasheet HTML 20Page - Texas Instruments TMUX1102 Datasheet HTML 21Page - Texas Instruments TMUX1102 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
8.3.5 Ultra-Low Leakage Current
The TMUX110x devices provide extremely low on-leakage and off-leakage currents. The TMUX110x devices
are capable of switching signals from high source-impedance inputs into a high input-impedance op amp with
minimal offset error because of the ultra-low leakage currents. Figure 8-1 shows typical leakage currents of the
TMUX110x devices versus temperature at VDD = 5V.
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
D008
IOFF
ION
Figure 8-1. Leakage Current vs Temperature
8.3.6 Ultra-Low Charge Injection
The TMUX110x devices have a transmission gate topology, as shown in Figure 8-2. Any mismatch in the stray
capacitance associated with the NMOS and PMOS causes an output level change whenever the switch is
opened or closed.
The TMUX110x devices have special charge-injection cancellation circuitry that reduces the source-to-drain
charge injection to -1.5pC at VS = 1V as shown in Figure 8-3.
S
D
C
GDP
C
GDN
C
GSN
C
GSP
OFF
ON
OFF ON
Figure 8-2. Transmission Gate Topology
VS - Source Voltage (V)
0
1
2
3
4
5
-20
-15
-10
-5
0
5
10
15
20
D011
VDD = 3.3 V
VDD = 5 V
Figure 8-3. Charge Injection vs Source Voltage
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com