Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMUX1102
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX1102 Datasheet HTML 19Page - Texas Instruments TMUX1102 Datasheet HTML 20Page - Texas Instruments TMUX1102 Datasheet HTML 21Page - Texas Instruments TMUX1102 Datasheet HTML 22Page - Texas Instruments TMUX1102 Datasheet HTML 23Page - Texas Instruments TMUX1102 Datasheet HTML 24Page - Texas Instruments TMUX1102 Datasheet HTML 25Page - Texas Instruments TMUX1102 Datasheet HTML 26Page - Texas Instruments TMUX1102 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
9.3.2 Detailed Design Procedure
The TMUX110x devices can be operated without any external components except for the supply decoupling
capacitors. All inputs signals passing through the switch must fall within the recommended operating conditions
of the TMUX110x, including signal range and continuous current. For this design example, with a supply of 3.3V,
the signals can range from 0V to 3.3V when the device is powered. The maximum continuous current can be
30mA.
Photodiodes commonly have a current output that ranges from a few hundred picoamps to tens of microamps
based on the amount of light being absorbed. The TMUX110x devices have a typical On-leakage current of less
than 10pA, which would lead to an accuracy well within 1% of a full scale 10µA signal. The low ON and OFF
capacitance of the TMUX110x improves system stability by minimizing the total capacitance on the output of the
amplifier. Lower capacitance leads to less overshoot and ringing in the system, which can cause the amplifier
circuit to become unstable if the phase margin is not at least 45°. Refer to Improve Stability Issues with Low CON
Multiplexers for more information on calculating the phase margin versus percent overshoot.
9.3.3 Application Curve
The TMUX110x devices are capable of switching signals from high source-impedance inputs into a high input-
impedance op amp with minimal offset error because of the ultra-low leakage currents.
VS or VD - Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
-20
-15
-10
-5
0
5
10
15
20
VDD = 3.63 V
VDD = 1.98 V
VDD = 1.32 V
D005
TA = 25°C
Figure 9-5. On-Leakage vs Source or Drain Voltage
www.ti.com
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com