Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMUX1102
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX1102 Datasheet HTML 8Page - Texas Instruments TMUX1102 Datasheet HTML 9Page - Texas Instruments TMUX1102 Datasheet HTML 10Page - Texas Instruments TMUX1102 Datasheet HTML 11Page - Texas Instruments TMUX1102 Datasheet HTML 12Page - Texas Instruments TMUX1102 Datasheet HTML 13Page - Texas Instruments TMUX1102 Datasheet HTML 14Page - Texas Instruments TMUX1102 Datasheet HTML 15Page - Texas Instruments TMUX1102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
6.9 Typical Characteristics (continued)
At TA = 25°C, VDD = 5V (unless otherwise noted).
VDD - Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
8
10
12
14
16
18
20
22
24
26
D013
Transition ON
Transition OFF
TA = -40°C to +125°C
Figure 6-13. Output TTRANSITION vs Supply Voltage
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100k
1M
10M
100M
D014
TA = -40°C to +125°C
Figure 6-14. Off-Isolation vs Frequency
Frequency (Hz)
-6
-5
-4
-3
-2
-1
0
1M
10M
100M
1M
10M
100M
D015
TA = -40°C to +125°C
Figure 6-15. On Response vs Frequency
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com