Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX1102
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX1102 Datasheet HTML 1Page - Texas Instruments TMUX1102 Datasheet HTML 2Page - Texas Instruments TMUX1102 Datasheet HTML 3Page - Texas Instruments TMUX1102 Datasheet HTML 4Page - Texas Instruments TMUX1102 Datasheet HTML 5Page - Texas Instruments TMUX1102 Datasheet HTML 6Page - Texas Instruments TMUX1102 Datasheet HTML 7Page - Texas Instruments TMUX1102 Datasheet HTML 8Page - Texas Instruments TMUX1102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
1 Features
• Wide supply range: 1.08V to 5.5V
• Low leakage current: 3pA
• Low charge injection: –1.5pC
• Low on-resistance: 1.8Ω
• –40°C to +125°C operating temperature
• 1.8V logic compatible
• Fail-safe logic
• Rail to rail operation
• Bidirectional signal path
• Break-before-make switching
• ESD protection HBM: 2000V
2 Applications
• Sample-and-hold circuits
• Feedback gain switching
• Signal isolation
• Field transmitters
• Programmable logic controllers (PLC)
• Factory automation and control
• Ultrasound scanners
• Patient monitoring and diagnostics
• Electrocardiogram (ECG)
• Data acquisition systems (DAQ)
• Semiconductor test equipment
• Battery test equipment
• Instrumentation: lab, analytical, portable
• Ultrasonic smart meters: water and gas
• Optical networking
• Optical test equipment
3 Description
The TMUX1101 and TMUX1102 are precision
complementary metal-oxide semiconductor (CMOS)
single-pole, single-throw (SPST) switches. A wide
operating supply of 1.08V to 5.5V makes these
devices an excellent choice for a broad array of
applications from medical equipment to industrial
systems. The devices support bidirectional analog
and digital signals on the source (S) and drain (D)
pins ranging from GND to VDD.
The logic control input (SEL) has 1.8V logic
compatible thresholds, ensuring both TTL and CMOS
logic compatibility when operating within the valid
supply voltage range. The switch of the TMUX1101
is turned on when SEL is Logic 1, while TMUX1102
is turned on when SEL is Logic 0. Fail-Safe Logic
circuitry allows voltages on the SEL pin to be applied
before the supply pin, protecting the device from
potential damage.
The TMUX110x devices are part of the precision
switches and multiplexers family. These devices have
very low on and off leakage currents and low charge
injection, allowing them to be used in high precision
measurement applications. A low supply current of
3nA and small package options enable use in portable
applications.
Device Information
PART NUMBER
CONTROL LOGIC(1)
PACKAGE(2)
TMUX1101
TMUX1102
Active High
DCK (SC70, 5)
Active Low
DBV (SOT-23, 5)
(1)
See Device Comparison.
(2)
For more information see Section 12.
TMUX1101
SEL
S
D
TMUX1102
SEL
S
ALL SWITC HES SHOWN FOR A LOG IC 0 INPUT
D
TMUX110x Block Diagrams
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1102 TI1-TMUX1102 Datasheet
544Kb / 31P
5-V, low-leakage-current, 1:1 (SPST) precision switches
TMUX1102DBVR TI1-TMUX1102DBVR Datasheet
544Kb / 31P
5-V, low-leakage-current, 1:1 (SPST) precision switches
TMUX1102DCKR TI1-TMUX1102DCKR Datasheet
544Kb / 31P
5-V, low-leakage-current, 1:1 (SPST) precision switches
More results

Similar Description - TMUX1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
TMUX1104 TI1-TMUX1104 Datasheet
587Kb / 26P
5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
TMUX1108 TI1-TMUX1108 Datasheet
1Mb / 38P
5V / (-)2.5V, Low-Leakage-Current, 8:1 Precision Multiplexer
TMUX1119 TI1-TMUX1119 Datasheet
664Kb / 32P
5-V, Low-Leakage-Current, 2:1 Precision Multiplexer
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
(-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
TMUX1111 TI1-TMUX1111 Datasheet
534Kb / 31P
5-V, low-leakage-current, 1:1 (SPST), 4-channel precision switches
TMUX1101 TI1-TMUX1101 Datasheet
544Kb / 31P
5-V, low-leakage-current, 1:1 (SPST) precision switches
TMUX1104 TI1-TMUX1104_19 Datasheet
1Mb / 35P
5-V, Low-Leakage-Current, 4:1 Precision Multiplexer
TMUX1136 TI1-TMUX1136 Datasheet
628Kb / 32P
5-V Low-Leakage-Current, 2:1, 2-Channel Precision Analog Switch
TMUX1121 TI1-TMUX1121 Datasheet
630Kb / 35P
5-V, Low-Leakage-Current, 1:1 (SPST), 2-Channel Precision Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com