Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX1102 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMUX1102
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX1102 Datasheet HTML 1Page - Texas Instruments TMUX1102 Datasheet HTML 2Page - Texas Instruments TMUX1102 Datasheet HTML 3Page - Texas Instruments TMUX1102 Datasheet HTML 4Page - Texas Instruments TMUX1102 Datasheet HTML 5Page - Texas Instruments TMUX1102 Datasheet HTML 6Page - Texas Instruments TMUX1102 Datasheet HTML 7Page - Texas Instruments TMUX1102 Datasheet HTML 8Page - Texas Instruments TMUX1102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
5 Pin Configuration and Functions
1
D
2
S
3
GND
4
SEL
5
VDD
Not to scale
Figure 5-1. DCK Package 5-Pin SC70 (Top View)
1
D
2
S
3
GND
4
SEL
5
VDD
Not to scale
Figure 5-2. DBV Package 5-Pin SOT-23 (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION(2)
NAME
NO.
D
1
I/O
Drain pin. Can be an input or output.
S
2
I/O
Source pin. Can be an input or output.
GND
3
P
Ground (0V) reference
SEL
4
I
Logic control input. Controls the switch state as shown in Section 8.4.1.
VDD
5
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1µF to 10µF between VDD and GND.
(1)
I = input, O = output, I/O = input and output, and P = power.
(2)
Refer to Section 8.4 for what to do with unused pins.
www.ti.com
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com