Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7436F Datasheet(PDF) 20 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 16Page - Texas Instruments TMUX7436F Datasheet HTML 17Page - Texas Instruments TMUX7436F Datasheet HTML 18Page - Texas Instruments TMUX7436F Datasheet HTML 19Page - Texas Instruments TMUX7436F Datasheet HTML 20Page - Texas Instruments TMUX7436F Datasheet HTML 21Page - Texas Instruments TMUX7436F Datasheet HTML 22Page - Texas Instruments TMUX7436F Datasheet HTML 23Page - Texas Instruments TMUX7436F Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
6.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
VS or VD - Source or Drain Voltage (V)
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
8.2
8.3
8.4
8.5
8.6
8.7
8.8
8.9
9
9.1
9.2
Single Supply Flat Ron Region
VDD = 8 V, VSS = 0 V
VDD = 8.8 V, VSS = 0 V
VDD = 10.8 V, VSS = 0 V
VDD = 12 V, VSS = 0 V
VDD = 13.2 V, VSS = 0 V
.
Figure 6-7. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
5
6
7
8
9
10
11
12
13
14
15
TA = 25C
TA = 85C
TA = 125C
TA = −40C
12 VDD Flatest Ron Region
.
Figure 6-8. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
44
0
20
40
60
80
100
120
140
160
NOTE_U_L
NOTE_U_L
Single Supply Voltages
VDD = 32.4 V, VSS = 0 V
VDD = 36 V, VSS = 0 V
VDD = 39.6 V, VSS = 0 V
VDD = 44 V, VSS = 0 V
.
Figure 6-9. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
44
8.3
8.4
8.5
8.6
8.7
8.8
8.9
9
9.1
9.2
9.3
NOTE_U_L
NOTE_U_L
Single Supply Flat Ron Region
VDD = 32.4 V, VSS = 0 V
VDD = 36 V, VSS = 0 V
VDD = 39.6 V, VSS = 0 V
VDD = 44 V, VSS = 0 V
.
Figure 6-10. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
4
8
12
16
20
24
28
32 34
5
6
7
8
9
10
11
12
13
14
15
TA = 25C
TA = 85C
TA = 125C
TA = −40C
36 VDD Flatest Ron Region
.
Figure 6-11. On-Resistance vs Source or Drain Voltage
VS or VD - Source or Drain Voltage (V)
0
4
8
12
16
20
24
28
32
36
40 42
5
6
7
8
9
10
11
12
13
14
15
TA = 25C
TA = 85C
TA = 125C
TA = −40C
44 VDD Flatest Ron Region
.
Figure 6-12. On-Resistance vs Source or Drain Voltage
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com