Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7436F Datasheet(PDF) 28 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 24Page - Texas Instruments TMUX7436F Datasheet HTML 25Page - Texas Instruments TMUX7436F Datasheet HTML 26Page - Texas Instruments TMUX7436F Datasheet HTML 27Page - Texas Instruments TMUX7436F Datasheet HTML 28Page - Texas Instruments TMUX7436F Datasheet HTML 29Page - Texas Instruments TMUX7436F Datasheet HTML 30Page - Texas Instruments TMUX7436F Datasheet HTML 31Page - Texas Instruments TMUX7436F Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1A
GND
D1
SELx
VSEL
VS
S1B
3 V
0 V
tBBM 1
0.8 VS
Output
0 V
tBBM = min ( tBBM 1, tBBM 2)
tBBM 2
VSEL
tr < 20 ns
tf < 20 ns
RL
Output
CL
S2A
D2
S2B
RL
Output
CL
VS
VS
Figure 7-7. Break-Before-Make Delay Measurement Setup
7.7 Transition Time
Transition time is defined as the time taken by the output of the device to rise (to 90% of the transition) or fall (to
10% of the transition) after the select signal (SELx) has fallen or risen to 50% of the transition. Figure 7-8 shows
the setup used to measure transition time, denoted by the symbol tTRAN.
3 V
VSEL
0 V
50%
50%
tTRAN 1
tTRAN 2
0.1 VS
0.9 VS
Output
tr < 20 ns
tf < 20 ns
RL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1A
GND
D1
SELx
Output
0 V
VSEL
VS
S1B
CL
RL
S2A
D2
Output
VS
S2B
CL
VS
tTRAN = max ( tTRAN 1, tTRAN 2)
Figure 7-8. Transition Time Measurement Setup
7.8 Fault Response Time
Fault response time (tRESPONSE) measures the delay between the source voltage exceeding the supply voltage
(VDD or VSS) by 0.5 V and the drain voltage failing to 50% of the maximum output voltage. Figure 7-9 shows the
setup used to measure tRESPONSE.
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com