Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7436F Datasheet(PDF) 32 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 28Page - Texas Instruments TMUX7436F Datasheet HTML 29Page - Texas Instruments TMUX7436F Datasheet HTML 30Page - Texas Instruments TMUX7436F Datasheet HTML 31Page - Texas Instruments TMUX7436F Datasheet HTML 32Page - Texas Instruments TMUX7436F Datasheet HTML 33Page - Texas Instruments TMUX7436F Datasheet HTML 34Page - Texas Instruments TMUX7436F Datasheet HTML 35Page - Texas Instruments TMUX7436F Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
7.14 Crosstalk
The following are two types of crosstalk that can be defined for the devices:
1. Intra-channel crosstalk (XTALK(INTRA)): the voltage at the source pin (Sx) of an off-switch input, when a
1-VRMS signal is applied at the source pin of an on-switch input in the same channel, as shown in Figure
7-15.
2. Inter-channel crosstalk (XTALK(INTER)): the voltage at the source pin (Sx) of an on-switch input, when a
1-VRMS signal is applied at the source pin of an on-switch input in a different channel, as shown in Figure
7-16.
GND
S1A
S1B
VSIG
VOUT
50
50
Network Analyzer
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
VS
50
D1
50
S2A
S2B
50
D2
50
Figure 7-15. Intra-Channel Crosstalk Measurement Setup
GND
S1A
S1B
VSIG
VOUT
50
50
Network Analyzer
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
VS
50
D1
S2A
S2B
50
D2
50
50
Figure 7-16. Inter-Channel Crosstalk Measurement Setup
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com