Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7436F Datasheet(PDF) 36 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 32Page - Texas Instruments TMUX7436F Datasheet HTML 33Page - Texas Instruments TMUX7436F Datasheet HTML 34Page - Texas Instruments TMUX7436F Datasheet HTML 35Page - Texas Instruments TMUX7436F Datasheet HTML 36Page - Texas Instruments TMUX7436F Datasheet HTML 37Page - Texas Instruments TMUX7436F Datasheet HTML 38Page - Texas Instruments TMUX7436F Datasheet HTML 39Page - Texas Instruments TMUX7436F Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Sx
Dx
VDD
VSS
GND
ESD
Protection
Logic &
Fault
Detection
40 k
40 k
SELx
EN
DR
Figure 8-1. Detailed Functional Diagram
8.3.2.5 Adjacent Channel Operation During Fault
When the logic pins are set to a channel under a fault, the overvoltage detection will trigger, the switch will open,
and the drain pin will operate as described in Section 8.3.2.4. During such an event, all other channels not under
a fault can continue to operate as normal. For example, if S1A voltage exceeds VDD, and the logic pins are set
to S1A, and the DR pin is set to logic low, then the drain output is pulled to VDD. Afterwards if the logic pins are
changed to set S1B, which is not in overvoltage or undervoltage, then the drain will disconnect from the pullup to
VDD and the S1B switch will be enabled and connected to the drain, operating as normal, although there is still
an overvoltage condition present on S1A. If the logic pins are switched back to S1A, then the S1B switch will be
disabled, the drain pin will be pulled up to VDD again, and the switch from S1A to drain will be disabled until the
overvoltage fault is removed.
8.3.2.6 ESD Protection
All pins on the TMUX7436F support HBM ESD protection level up to ±6 kV, which helps prevent the device from
being damaged by ESD events during the manufacturing process.
The drain pins (Dx) have internal ESD protection diodes to the supplies VDD and VSS; therefore the voltage at
the drain pins must not exceed the supply voltages to prevent excessive diode current. The source pins have
specialized ESD protection that allows the signal voltage to reach ±60 V regardless of supply voltage level.
Exceeding ±60 V on any source input may damage the ESD protection circuitry on the device and cause the
device to malfunction if the damage is excessive.
8.3.2.7 Latch-Up Immunity
Latch-up is a condition where a low impedance path is created between a supply pin and ground. This condition
is caused by a trigger (current injection or overvoltage), but once activated, the low impedance path remains
even after the trigger is no longer present. This low impedance path may cause system upset or catastrophic
damage due to excessive current levels. The latch-up condition typically requires a power cycle to eliminate the
low impedance path.
The TMUX7436F device is constructed on silicon on insulator (SOI) based process where an oxide layer is
added between the PMOS and NMOS transistor of each CMOS switch to prevent parasitic structures from
forming. The oxide layer is also known as an insulating trench and prevents triggering of latch up events due
to overvoltage or current injections. The latch-up immunity feature allows the TMUX7436F to be used in harsh
environments. For more information on latch-up immunity, refer to Using Latch Up Immune Multiplexers to Help
Improve System Reliability.
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
36
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com