Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7436F Datasheet(PDF) 39 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7436F Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 35Page - Texas Instruments TMUX7436F Datasheet HTML 36Page - Texas Instruments TMUX7436F Datasheet HTML 37Page - Texas Instruments TMUX7436F Datasheet HTML 38Page - Texas Instruments TMUX7436F Datasheet HTML 39Page - Texas Instruments TMUX7436F Datasheet HTML 40Page - Texas Instruments TMUX7436F Datasheet HTML 41Page - Texas Instruments TMUX7436F Datasheet HTML 42Page - Texas Instruments TMUX7436F Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
8.4.3 Truth Tables
Table 8-1 and Table 8-2 provides the truth tables for the TMUX7436F under normal and fault conditions.
Table 8-1. TMUX7436F Truth Table
EN
SEL2
SEL1
Normal Condition
Fault Condition
State of Specific Flag (SF) when fault occurs on
On Switch
S1A
S1B
S2A
S2B
0
0
0
None
0
1
1
1
0
0
1
None
1
0
1
1
0
1
0
None
1
1
1
0
0
1
1
None
1
1
0
1
1
0
0
S1B, S2B
0
1
1
1
1
0
1
S1A, S2B
1
0
1
1
1
1
0
S1B, S2A
1
1
1
0
1
1
1
S1A, S2A
1
1
0
1
Take note, more than one source pin can be in fault at a given time. As Table 8-1 provides, the SF pin will assert
low even when multiple source pins are under fault.
Table 8-2. TMUX7436F DR Truth Table
DR PIN STATE
Dx State During Fault
Condition
0
Pulled up to VDD or VSS
1
Open (HI-Z)
If unused, then SELx pins must be tied to GND to ensure the device does not consume additional current (for
more information, refer to Implications of Slow or Floating CMOS Inputs. Unused signal path inputs (Sx or Dx)
should be connected to GND.
www.ti.com
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com