Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADMV8809ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Data Sheet
ADMV8809
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 54
TA = 25°C, HPF and LPF at same states, unless otherwise noted.
Table 1. Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE (fCENTER)
Bypass Configuration
<0.01
13
GHz
Filter Band 1
0.55
GHz
HPF and LPF, State 0
1.05
GHz
HPF and LPF, State 7
Filter Band 2
1.23
GHz
HPF and LPF, State 0
2.25
GHz
HPF and LPF, State 7
Filter Band 3
2.4
GHz
HPF and LPF, State 0
4.6
GHz
HPF and LPF, State 7
Filter Band 4
5
GHz
HPF and LPF, State 0
8.2
GHz
HPF and LPF, State 7
USABLE PASS-BAND FREQUENCY
Filter Band 1
Lower Pass-Band Frequency (fL3dB)
0.43
GHz
HPF, State 0
Upper Pass-Band Frequency (fU3dB)
1.27
GHz
LPF, State 7
Filter Band 2
fL3dB
0.97
GHz
HPF, State 0
fU3dB
2.71
GHz
LPF, State 7
Filter Band 3
fL3dB
1.84
GHz
HPF, State 0
fU3dB
5.6
GHz
LPF, State 7
Filter Band 4
fL3dB
3.74
GHz
HPF, State 0
fU3dB
10.08
GHz
LPF, State 7
BANDWIDTH (3dB)
40
%
HPF and LPF same state (average value for all bands);
bandwidth can be varied from 9% to 100% by using different
combinations of HPF and LPF states
RESOLUTION
Filter Band 1
HPF
0.06
GHz
LPF
0.09
GHz
Filter Band 2
HPF
0.12
GHz
LPF
0.17
GHz
Filter Band 3
HPF
0.25
GHz
LPF
0.37
GHz
Filter Band 4
HPF
0.38
GHz
LPF
0.57
GHz
REJECTION (40dB)
Low-Side
0.5 × fU3dB
GHz
High-Side
2× fL3dB
GHz
RE-ENTRY FREQUENCY
>40
GHz
>40dB for Band 1 to Band 3 and >30dB for Band 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com