Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 30Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 31Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 32Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 33Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 34Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 35Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 36Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
Data Sheet
ADMV8809
REGISTER DETAILS
analog.com
Rev. 0 | 33 of 54
Address: 0x12, Reset: 0x00, Name: LUT_CTL2
Figure 75.
Table 16. Bit Descriptions for LUT_CTL2
Bits
Bit Name
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
LUT_INDEX_POINTER
Indicates which LUT entry is used in SPI mode.
0x0
R/W
Address: 0x13, Reset: 0x00, Name: WR_SW
Figure 76.
Table 17. Bit Descriptions for WR_SW
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
[2:0]
SW_SELECT
Controls when LUT is bypassed.
0x0
R/W
100: Filter Band 0—Bypass.
000: Filter Band 1—0.5GHz to 1.2GHz.
001: Filter Band 2—1,1GHz to 2.4GHz.
010: Filter Band 3—2.2GHz to 5GHz.
011: Filter Band 4—4.5GHz to 9GHz.
Address: 0x14, Reset: 0x00, Name: WR_FILTER
Figure 77.
Table 18. Bit Descriptions for WR_FILTER
Bits
Bit Name
Description
Reset
Access
[7:6]
FILTER_SELECT
Filter select when LUT is bypassed.
0x0
R/W
00: LPF 1, HPF 1.
01: LPF 2, HPF 2.
10: LPF 3, HPF 3.
11: LPF 4, HPF 4.
[5:3]
HPF
HPF state when LUT is bypassed.
0x0
R/W
[2:0]
LPF
LPF state when LUT is bypassed.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com