Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADMV8809ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Data Sheet
ADMV8809
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 54
Table 1. Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INSERTION LOSS
Bypass Configuration
<1.5
dB
Filter Band 1
6.2
dB
Filter Band 2
4.7
dB
Filter Band 3
4.5
dB
Filter Band 4
5
dB
RETURN LOSS
>10
dB
DYNAMIC PERFORMANCE
Input Compression (P0.1dB)
Bypass Configuration
27
dBm
Filter Band 1
26.10
dBm
Filter Band 2
26.83
dBm
Filter Band 3
27
dBm
Filter Band 4
24.66
dBm
Input Third-Order Intercept (IP3)
Input power (PIN) = 10dBm per tone
Bypass Configuration
52
dBm
Filter Band 1
47
dBm
Filter Band 2
51
dBm
Filter Band 3
50
dBm
Filter Band 4
46
dBm
Group Delay
<5.4
ns
Amplitude Settling Time
<0.5
µs
Drift Rate
Amplitude
Filter Band 1
0.01
dB/°C
HPF = LPF, State 4
Filter Band 2
0.01
dB/°C
HPF = LPF, State 4
Filter Band 3
0.01
dB/°C
HPF = LPF, State 4
Filter Band 4
0.01
dB/°C
HPF = LPF, State 4
Frequency
Filter Band 1
−68
ppm/°C
HPF = LPF, State 4
Filter Band 2
−65
ppm/°C
HPF = LPF, State 4
Filter Band 3
−99
ppm/°C
HPF = LPF, State 4
Filter Band 4
−105
ppm/°C
HPF = LPF, State 4
SUPPLY VOLTAGE
VSS
–2.6
–2.5
–2.4
V
VDD
3.2
3.3
3.4
V
SUPPLY CURRENT (STATIC)
Static
VSS Current (ISS)
2
µA
VDD Current (IDD)
700
µA
Dynamic
IDD
fSCLK/4
mA
Where fSCLK is the SCLK toggle frequency in MHz, for
example, continuous serial peripheral interface (SPI) writing
at 10MHz yields 2.5mA of dynamic IDD
LOGIC INPUT AND OUTPUT (RST, CS, SCLK, SDI,
AND SDO)
Logic Low
−0.3
0
+0.8
V
Logic High
1.2
3.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com