Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADMV8809ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Data Sheet
ADMV8809
0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
►
Digitally tunable, high-pass and low-pass tuning
►
Suboctave bandwidths with additional user adjustability
►
Rejection: 40dB
►
Single-chip replacement for discrete filter banks
►
Compact, 8mm × 8mm × 1.07mm LGA package
APPLICATIONS
►
Land mobile radios
►
Test and measurement equipment
►
Military radars, electronic warfare, and electronic countermeas-
ures
►
Satellite communications
►
Industrial and medical equipment
GENERAL DESCRIPTION
The ADMV8809 is a fully monolithic microwave IC (MMIC) that
features digitally selectable operating frequencies. The device fea-
tures four independently controlled high-pass filters (HPFs) and
low-pass filters (LPFs) that span the 0.5GHz to 9GHz frequency
range (fCENTER).
The flexible architecture of the ADMV8809 allows the 3dB cutoff
frequency (f3dB) of the high-pass and low-pass filters to be control-
led independently. The digital logic control on each filter is 3-bits
wide (eight states) and controls the on-chip reactive elements to
adjust the f3dB. The typical insertion loss is <6.2dB. When using the
HPF = LPF state, the filter has 40dB rejection for the low side at 0.5
× fU3dB and for the high side at 2 × fL3dB, which is ideally suited for
minimizing system second-order intercept (IP2) and harmonics.
This tunable filter can be used as a smaller alternative to large
switched filter banks and discrete component-based tunable filters,
and the ADMV8809 provides a dynamically adjustable solution in
advanced communications applications.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - ADMV8809ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV8809ACCZ-R7 AD-ADMV8809ACCZ-R7 Datasheet
2Mb / 55P
0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
Rev. A
More results

Similar Description - ADMV8809ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
Low Pass Filters
logo
Mini-Circuits
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
LOW PASS FILTERS
K2-LFCN MINI-K2-LFCN Datasheet
319Kb / 1P
LOW PASS FILTERS
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
LOW PASS FILTERS
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
LOW PASS FILTERS
K5-LFCN MINI-K5-LFCN Datasheet
276Kb / 1P
LOW PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
LOW PASS & HIGH PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
LOW PASS FILTERS
K1-LFCW MINI-K1-LFCW Datasheet
433Kb / 1P
Low Pass Filters
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com