Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8809ACCZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMV8809ACCZ-R7
Description  0.5GHz to 9GHz, Digitally Tunable, High-Pass Filters and Low-Pass Filters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8809ACCZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMV8809ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8809ACCZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Data Sheet
ADMV8809
THEORY OF OPERATION
analog.com
Rev. 0 | 22 of 54
or parallel pins), and select between LUTA or LUTB. Register 0x12
(LUT_CTL2) includes the LUT_INDEX_POINTER bits (Bits[4:0]),
which indicate the LUT entry used in SPI mode.
Users can select between two LUTs to use, LUTA and LUTB.
Register 0x20 through Register 0x5F are for LUTA, and Register
0x60 through Register 0x9F are for LUTB. Each LUT has 32 pairs
of the LUT_SW and LUT_FILTER registers.
Once users have configured the LUT register values, users can use
these LUT registers to configure the filter bands. Users can control
the LUT pointer by using either SPI mode or the parallel pins. If
using SPI mode, use Register 0x12 to control the LUT pointer.
If using the parallel pins, set the LUT_MODE bit to 1. Then, select
the LUT entry using the parallel pins. If the filter update timing is
required, set the LUT_LATCH bit to 1 to set it to latched mode,
where the LUT entry selected only updates on the next rising edge
of CS. Having this bit set to latched mode, the unused filter bands
will be set to HPF State 0 and LPF State 0, and these bands will
keep their current values, unless the values are overwritten by the
user.
If the LUT_LATCH bit is set to 0, it sets to combinational mode,
where the default values of the unused filter bands will be written
over. The filter bands default values are detailed in Register 0x00
through Register 0x03.
SWITCH SET
Register 0x13 (WR_SW) dictates the filter band direction the input
and output will be directed. Both switches (shown in Figure 1) are
paired to this register.
FILTER SETTINGS
Register 0x14 (WR_FILTER) allows users to encode both the HPF
and LPF states assigned on a filter band. Use the FILTER_SELECT
bits (Bits[7:6]) to select the filter band. The HPF bits (Bits[5:3])
and LPF bits (Bits[2:0]) hold the state value, which includes eight
configurable states. A value of 0 corresponds to setting the f3dB of
the filter to its lowest possible frequency. Conversely, a value of 7
corresponds to setting the f3dB of the filter to its highest possible
frequency.
READBACK REGISTERS
The ADMV8809 has dedicated readback registers. Register 0x15
(READBACK_SWITCH) and Register 0x16 through Register 0x19
(READBACK_FILTER1, READBACK_FILTER2, READBACK_FIL-
TER3, and READBACK_FILTER4). These registers represents the
actual settings of the switch, LPF, and HPF. See Register Summary
for further information.
FREQUENCY TERMINOLOGY
The 3dB bandwidth is a straightforward concept; however, because
the ADMV8809 is designed to operate over a wide frequency
range, there is frequency dependent insertion loss that results in
a negative slope vs. frequency. Additionally, depending upon the
selected filter and state, there may also be ripple within the pass
band. Given these characteristics, a variation is necessary to estab-
lish a reference frequency (fREF) from which the f3dB for each filter
can be computed. Analog Devices uses a consistent methodology
for determining the fREF and f3dB is to rely on the group delay
performance of a filter. The following is the methodology used for
determining the ADMV8809 specifications:
1. Find the peak group delay (GDPEAK) and peak group delay
frequency (fPEAK) as the filter insertion loss (S21) begins to roll
off.
2. For a LPF, divide fPEAK by 2 to find the average frequency
(fAVG). For a HPF, multiply fPEAK by 2. When fAVG is calculated,
determine the group delay at this frequency. Generally, the
group delay is flat and approximately equal to the average at
this particular frequency (fAVG).
3. Take the mathematical mean of the group delay from Step 1
and Step 2 to find the reference group delay (GDREF), and then
find the corresponding fREF and reference insertion loss (ILREF)
for this group delay.
4. Subtract 3dB from the ILREF to find the 3dB insertion loss
(IL3dB), and then find the corresponding f3dB.
CHIP RESET
Two methods are available to reset the ADMV8809 registers to their
default power-on state, a hard reset and a soft reset. The hard reset
uses the RST pin, and the soft reset utilizes Register 0x00.
To perform a hard reset, momentarily bring the RST pin low and
then high. See Figure 2 for the minimum required duration time for
the RST pin to be low.
To perform a soft reset, set Register 0x00 to 0x81. This action sets
the SOFTRESET and SOFTRESET_ bits high to initiate the reset.
The SOFTRESET and SOFTRESET_ bits are self resetting once
the reset operation completes.
Regardless of the reset method used, it is recommended to perform
the following after the chip resets:
►
Set Register 0x00 to 0x3C to enable the SDO pin and allow SPI
streaming with Endian ascending order.
►
Read back all registers on the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com