Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1185LDF Datasheet(PDF) 2 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1185LDF
Description  3A Low Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1185LDF Datasheet(HTML) 2 Page - Globaltech Semiconductor Co.,Ltd

  GS1185LDF Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Packages & Pin Assignments
GS1185LT
(TO-220)
GS1185LM
(TO-263)
GS1185LD
(T0-252)
GS1185LX
(SOT-223)
1
GND/ADJ
1
GND/ADJ
1
GND/ADJ
1
GND/ADJ
2
VOUT
2
VOUT
2
VOUT
2
VOUT
3
VIN
3
VIN
3
VIN
3
VIN
Ordering Information
TO-220
TO-263
TO-252
SOT-223
Output
GS1185LT
GS1185LM
GS1185LD
GS1185LX
ADJ
GS1185LT15
GS1185LM15
GS1185LD15
GS1185LX15
1.5V
GS1185LT18
GS1185LM18
GS1185LD18
GS1185LX18
1.8V
GS1185LT25
GS1185LM25
GS1185LD25
GS1185LX25
2.5V
GS1185LT33
GS1185LM33
GS1185LD33
GS1185LX33
3.3V
GS1185LT50
GS1185LM50
GS1185LD50
GS1185LX50
5.0V
Adjustable Version does not need Voltage Code.
www.gs-power.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com