Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1185LDF Datasheet(PDF) 9 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1185LDF
Description  3A Low Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1185LDF Datasheet(HTML) 9 Page - Globaltech Semiconductor Co.,Ltd

Back Button GS1185LDF Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 10Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 11Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 12Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 13Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Package Dimension
TO-220 PLASTIC PACKAGE
E
E/2
E2
Q
D1
D
ØP
L1
L
b
e
e1
A2
c
A1
A
H1
CHAMFER
OPTIONAL
(E)
(H1)
D2
E1
b2
Dimensions
Millimeters
Inches
SYMBOL
MIN
MAX
MIN
MAX
A
3.56
4.83
.140
.190
A1
0.51
1.40
.020
.055
A2
2.03
2.92
.080
.115
b
0.38
1.02
.015
.040
b2
1.14
1.78
.045
.070
C
0.36
0.61
.014
.024
D
14.2
16.5
.560
.650
D1
8.38
9.02
.330
.355
D2
12.19
12.88
.480
.507
E
9.65
10.67
.380
.420
E1
6.86
8.89
.270
.350
E2
-
0
.0 0
.76
-
3
e
2.54 (TYP)
.100 (TYP)
e1
5.08 (TYP)
.200 (TYP)
H1
www.gs-power.com
5.84
6.86
.230
.270
L
12.70
14.73
.500
.580
L1
-
6.35
-
.250
ØP
3.53
4.09
.139
.161
Q
2.54
3.43
.100
.135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com