Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1185LDF Datasheet(PDF) 11 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1185LDF
Description  3A Low Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1185LDF Datasheet(HTML) 11 Page - Globaltech Semiconductor Co.,Ltd

Back Button GS1185LDF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 10Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 11Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 12Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 13Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 14Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
TO-252 PLASTIC PACKAGE
D
D1
E
L3
b2
b1
b
L4
L5
e
c1
A
H
E1/2
E1
THERMAL PAD
c
(L1)
L
θ1
θ
SEATING PLANE
A1
L2
Dimensions
Millimeters
Inches
SYMBOL
MIN
MAX
MIN
MAX
A
2.18
2.39
.086
.094
A1
-
0.13
-
.005
b
0.64
0.89
.025
.035
b
0.76
1.14
.030
1
.045
b
4.95
5.46
.195
2
.215
C
0.46
0.61
.018
.024
C
0.46
0.89
.018
1
.035
D
5.97
6.22
.235
.245
D
5.21
-
.205
1
-
E
6.35
6.73
.250
.265
E
4.32
-
.170
1
-
e
2.29 (TYP)
.090 (TYP)
H
9.40
10.41
.370
.410
L
1.40
1.78
.055
.070
L
2
1
.74 (TYP)
.108 (TYP)
L
0.51 (TYP)
.020 (TYP)
2
www.gs-power.com
L3
0.89
1.27
.035
.050
L4
-
1.02
-
.040
L5
1.14
1.52
.045
.060
θ
0°
10°
0°
10°
θ1
0°
15°
0°
15°
SOT-223-3L PLASTIC PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com