Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1185LDF Datasheet(PDF) 3 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1185LDF
Description  3A Low Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1185LDF Datasheet(HTML) 3 Page - Globaltech Semiconductor Co.,Ltd

  GS1185LDF Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Marking Information
Absolute Maximum Ratings
Symbol
Parameter
Maximum Ratings
Units
VIN
Input Voltage
15
V
TO-220
3
TO-263
3
TO-252
5
θJC
Thermal Resistance (Junction to Case)
SOT-223
8
ºC/W
TO-220
62.5
TO-263
62.5
TO-252
104
θJA
Thermal Resistance (Junction to Ambient)
SOT-223
138
ºC/W
TO-220
2
TO-263
2
TO-252
1.2
PD
Internal Power Dissipation
SOT-223
0.9
W
TJ
Operating Junction Temperature
-40 to 125
ºC
TSTG
Storage Range
-65 to 150
ºC
TLEAD
Lead Temperature ( Soldering 10sec)
300
ºC
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
www.gs-power.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com