Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1185LDF Datasheet(PDF) 6 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1185LDF
Description  3A Low Dropout Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1185LDF Datasheet(HTML) 6 Page - Globaltech Semiconductor Co.,Ltd

Back Button GS1185LDF Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 8Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 9Page - Globaltech Semiconductor Co.,Ltd GS1185LDF Datasheet HTML 10Page - Globaltech Semiconductor Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
-50 -25 0 25 50 75 100 125 150
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
TEMPERATURE(°C)
Typical Performance Characteristics(Continue)
Temperature Stability
Ripple Rejection
-50 -25
0
25 50 75 100 125 150
2.0
1.0
0
-1.0
-2.0
TEMPERATURE(°C)
0
20
40
60
80
100
1k
10k
100k
10
30
50
70
FREQUENCY (Hz)
IOUT=IFULL LOAD
(VIN-VOUT)³VDROPOUT
VRIPPLE 3VP-P
VRIPPLE 0.5VP-P
(VIN-VOUT)³V
Ripple Rejection vs. Current
Short-Circuit Current
www.gs-power.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com