Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT10 Datasheet(PDF) 8 Page - ASAIR All Rights Reserved.

Part # AHT10
Description  AHT10 Technical Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT10 Datasheet(HTML) 8 Page - ASAIR All Rights Reserved.

Back Button AHT10 Datasheet HTML 4Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 12Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3 Interface definition
Pin
name
Interpretation
6
2
5
3
4
1
ADR
Power ground
2
SDA
Serial data
3
SCL
Serial clock
4
VDD
Supply voltage
5
GND
Power ground
6
NC
Stay vacant
Table 5 AHT10 pin distribution (top view).
3.1 Power supply pin (VDD, GND)
AHT10 power supply range of 1.8-3.6V,
recommended voltage is 3.3V. A 100nF decoupling
capacitor must be connected between the power
supply ( VDD ) and ground ( GND ) and the
capacitor should be placed as close as possible to
the sensor - see Figure 11 .
3 . 2 Serial clock SCL
SCL is used for communication synchronization
between the microprocessor and the AHT10 . Since
the interface contains completely static logic, there
is no minimum SCL frequency.
3.3 serial data SDA
The SDA pin is used for data input and output of
the sensor. SDA is active on the rising edge of the
serial clock ( SCL ) when a command is sent to the
sensor , and SDA must remain stable when SCL is
high . After the falling edge of SCL , the SDA value
can be changed. To ensure communication
security, the effective time of the SDA should be
extended to TSU and THO before and after the
rising edge of SCL - see Figure 12 . When reading
data from the sensor, SDA is low after SCL active
(TV), and maintained until the falling edge of SCL.
Figure 11 shows a typical application circuit that includes a pull-up resistor RP
and a decoupling capacitor between VDD and GND。
Note : 1. The power supply voltage of the host MCU must be consistent with
the sensor when the product is in use .
2, To further improve the reliability of the system, the sensor power can be
controlled.
3, Only a single AHT10 can be connected to the I 2 C bus and no other I 2 C
devices can be connected .
To avoid signal collisions, the microprocessor ( MCU )
must only drive SDA and SCL low. An external pull-up
resistor (eg 10k Ω ) is required to pull the signal high.
Pull-up resistors are usually already included in the
microprocessor In the I/O circuit. Reference table 7
and table 8 can get detailed information about sensor
input / output characteristics.
4 Electrical characteristics
4.1 Absolute maximum rating
The electrical characteristics of AHT10 are defined in
Table 1 . The absolute maximum ratings given in
Table 6 are stress ratings only and provide more
information. Under such conditions, it is not
advisable for the device to perform functional
operations. Prolonged exposure to absolute
maximum ratings may affect sensor reliability.
parameter
Minimum
maximum
unit
VDD to GND
-0.3
3.6
V
Digital I/O pin(SDA,
SCL)
toGND
-0.3
VDD +0.3
V
Input current per pin
-10
10
mA
Table 6 Electrical Absolute Maximum Ratings
ESD electrostatic discharge meets JEDEC JESD22-A114 standard
( Human Body Mode ± 4kV), JEDEC JESD22-A115。
( machine
mode ± 200V) . If the test conditions exceed the
nominal limit , the sensor requires an additional
protection circuit.
1
AHT10
ADR
SDA
SCL
NC
GND
VDD
VDD 1.8~3.6V
VDD 1.8~3.6V
0.1 uf
MCU
(Master )
SDA
SCL
RP
RP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com