Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT10 Datasheet(PDF) 10 Page - ASAIR All Rights Reserved.

Part # AHT10
Description  AHT10 Technical Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT10 Datasheet(HTML) 10 Page - ASAIR All Rights Reserved.

Back Button AHT10 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 12Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 13Page - ASAIR All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Figure 13 Start Transfer Status ( S ) - When SCL is high, SDA transitions from high
to low. The start state is a special bus state controlled by the host, indicating the
start of the slave transfer ( after the Start , the BUS bus is generally considered
to be busy)
Figure 14 Stop Transfer Status ( P ) - When SCL is high, the SDA line transitions
from low to high. The stop state is a special bus state controlled by the master
that indicates the end of the slave transfer ( after the Stop , the BUS bus is
generally considered to be idle).
5.3 send command
After the transmission is initiated, the subsequently
transmitted I 2 C first byte includes the 7 -bit I 2 C
device address 0x38 and one SDA direction (read R :
'1' , write W : '0' ). After the first falling edge of the
SCL clock 8, by pulling the SDA pin (ACK bit),
indicating proper reception of the sensor. After
issuing the initialization command ( '1110'0001'
represents initialization, '1010'1100' stands for
temperature and humidity measurement), the MCU
must wait for the measurement to be completed. The
basic commands are summarized in Table 9 . Table 10
shows the status bit descriptions returned by the
slave.
command
Interpretation
Code
Initialization
command
Keep the host
1110’0001
Trigger
measurement
Keep the host
1010’1100
Soft reset
1011’1010
Table 9 basic command set
Bit
significance
description
Bit[7]
Busy indication
1 --
0 --
The device is busy,
the device is in the
measurement state, and the
device is idle.
Bit[6:5]
Current working mode
(Mode Status)
00
01
1x
Currently NOR
Currently CYC
Currently CMD
mode
mode
mode
Bit[4]
Reserved
Reserved
Bit[3]
Calibration enable
bit
CAL Enable
1-calibrated
0-- not calibrated
Bit[2:0]
Reserved
Reserved
Table 10 status bit description
Trigger measurement data
ACK
S
Start
P Stop
Note: The sensor takes time to collect . After the host sends a
measurement command ( 0xAC ) , the delay is over 75ms and the
converted data is read and the returned status bit is normal. If the
status bit [Bit7 of] is 0 for the data can be read normally, the sensor 1
is the busy state, the host needs to wait for the data processing is
completed.
5.4 Soft reset
This command (see Table 9 ) is used to restart the
sensor system without turning the power off and on
again. After receiving this command, the sensor
system begins to reinitialize and restores the default
settings. The soft reset takes less than 20ms
S 0 1 1 1 0 0 0 0
1 0 1 0 1 1 0 0
I2C address +write
Trigger
measurement
0xac
00110011
00000000
P
DATA0
DATA1
读取温湿度数据
S
x
x
x
x
I2C address +read
状态
x x x x x x x x
x x x x x x x x
Humidity data
Humidity
data
x x x x x x x x
x x x x x x x x
Humidity
dataTemperature data
Temperature
data
Temperatur
e
主机到从机
从机到主机



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com