Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT10 Datasheet(PDF) 1 Page - ASAIR All Rights Reserved.

Part # AHT10
Description  AHT10 Technical Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT10 Datasheet(HTML) 1 Page - ASAIR All Rights Reserved.

  AHT10 Datasheet HTML 1Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 2Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 3Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 4Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 9Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AHT10 Technical Manual
ASAIR®
Temperature and humidity sensor
• Fully calibrated
• Digital output, I2C interface
• Excellent long-term stability
• SMD package reflow solderable
• Fast response and strong anti-interference ability
Application range
HVAC, dehumidifiers, testing and testing equipment, consumer goods, automobiles, automatic control, data logger,
weather home appliances, humidity regulation, medical and other related temperature and humidity detection and
control.
1-
ADR
2-
SDA
3-
SCL
4-
VDD
5-
GND
6-
NC
Figure 1: AHT10 sensor package diagram (unit: mm tolerance: 0.1mm)
Product overview
AHT10, the new generation of temperature and humidity
sensors sets a new standard in size and intelligence: it is
embedded for reflow soldering
The dual-row flat leadless SMD package has
a 4x5mm bottom and a height of 1.6mm. The sensor
outputs a calibrated digital signal in standard I2C format.
The AHT10 is equipped with a newly designed
ASIC- specific chip, an improved MEMS semiconductor
capacitive humidity sensing element and a standard on-
chip temperature sensing element. Its performance has
been greatly improved beyond the reliability level of the
previous generation of sensors. The first generation of
temperature and humidity sensors have been improved to
make them more stable in harsh environments.
Each sensor is calibrated and tested with a product
lot number printed on the surface of the
product. Thanks to improved and miniaturized
sensors, it is more cost-effective and ultimately all
equipment will benefit from cutting-edge energy-
saving operating modes.
6
2
5
3
4
1
0.8
0.8
4.0
5.0
1.27
1.0
AHT10
1.6
2.7
ASAIR
XXXXXX
®


Similar Part No. - AHT10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AHT ABRACON-AHT Datasheet
660Kb / 2P
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
logo
ASAIR All Rights Reserv...
AHT-20 ASAIR-AHT-20 Datasheet
1Mb / 16P
Humidity and Temperature Sensor
Version:V1.0 - May 2021
logo
Abracon Corporation
AHT-FREQUENCYDCSAG ABRACON-AHT-FREQUENCYDCSAG Datasheet
660Kb / 2P
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
AHT-FREQUENCYDCSAG2 ABRACON-AHT-FREQUENCYDCSAG2 Datasheet
660Kb / 2P
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
AHT-FREQUENCYDCSAGHT ABRACON-AHT-FREQUENCYDCSAGHT Datasheet
660Kb / 2P
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
More results

Similar Description - AHT10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARM940T ETC1-ARM940T Datasheet
2Mb / 230P
TECHNICAL REFERENCE MANUAL
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
TECHNICAL REFERENCE MANUAL
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC Datasheet
1Mb / 118P
Technical Reference Manual
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
Technical Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
Technical Reference Manual
logo
Magnetrol International...
S21-1A1A-012 MAGNETROL-S21-1A1A-012 Datasheet
238Kb / 15P
Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
Technical Reference Manual
logo
ATMEL Corporation
ARM920T ATMEL-ARM920T_14 Datasheet
2Mb / 350P
Technical Reference Manual
ARM7TDMI ATMEL-ARM7TDMI_14 Datasheet
1Mb / 284P
Technical Reference Manual
logo
List of Unclassifed Man...
ARM926EJ-S ETC2-ARM926EJ-S Datasheet
1Mb / 236P
Technical Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com