Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT10 Datasheet(PDF) 4 Page - ASAIR All Rights Reserved.

Part # AHT10
Description  AHT10 Technical Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT10 Datasheet(HTML) 4 Page - ASAIR All Rights Reserved.

  AHT10 Datasheet HTML 1Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 2Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 3Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 4Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 9Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AHT10
User Guide
11 Expansion performance
1.1 Working conditions
The sensor has stable performance within the
recommended operating range, see Figure 4 . Long-
term exposure to conditions outside the normal range,
especially at humidity >80 %, may result in temporary
signal drift (drift after 60hours +3% RH ). When
returning to normal operating conditions, the sensor
will slowly self-recover to the calibration state. Refer
to Section 2.3, “ Recovery Processing ” to speed up the
recovery process. Prolonged use under abnormal
conditions will accelerate the aging of the product.
-40
-20
0
20
40
60
80
100
(℃)
1.2 RH accuracy at different temperatures
The RH accuracy at 25 °C is defined in Figure 2 , and
the maximum humidity error in other temperature
segments is shown in Figure 5 .
Figure The maximum humidity error in the range of 0 0~80 °C , unit : (%RH) Please
note : The above error is the maximum error ( excluding hysteresis ) of the
reference instrument test with high precision dew point meter . The maximum
error of ± 3% RH typical range of error ± 2% RH, in other ranges, typically 1/2 of
the maximum error value.
1.3 Electrical characteristics
The power consumption given in Table 1 is
related to the temperature and supply voltage
VDD . About power estimation and see Figure 6
7 . Please pay attention to the picture 6 and The
curve in 7 is a typical natural characteristic and
there may be deviations.
Figure 6 VDD = 3.3V , typical supply current vs. temperature (sleep mode).
Please note that these data and display values are approximately ±25% deviation.
Figure 7 shows the relationship between typical supply current and supply
voltage at a temperature of 25 °C .
Curve (sleep mode). Please note that
these data deviate from the displayed values.
Can reach ±50% of the
displayed value . At 60 ° C , the coefficient is about 15
(Compared with Table 2 ).
150
120
90
60
30
温度(℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com