Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT10 Datasheet(PDF) 2 Page - ASAIR All Rights Reserved.

Part # AHT10
Description  AHT10 Technical Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT10 Datasheet(HTML) 2 Page - ASAIR All Rights Reserved.

  AHT10 Datasheet HTML 1Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 2Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 3Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 4Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT10 Datasheet HTML 9Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Sensor performance
Relative humidity
table 1 humidity characteristics table △
RH(%RH)
0
10
20
30
40
50
60
70
80
90 100
Figure 2 The maximum error of relative humidity at 25 °C
1.
This accuracy is the test accuracy of the sensor at a
factory voltage of 3.3V at 25 °C . This value does not
include hysteresis and nonlinearity and only applies
to Non-condensing conditions. 2 The time required to
achieve a first-order response of 63% at 25 ° C and 1 m /
s airflow.
2.
Normal operating range: 0-80% RH, beyond this range,
sensor readings will be biased (drift <3%
RH after 200 hours at 90% RH humidity ) . The scope of
work is further limited to -40– 80 °C .
3.
If there are volatile solvents, irritating tapes, adhesives,
and packaging materials around the sensor, the
readings may be high. Please refer to the relevant
documents for detailed instructions.
4.
The minimum and maximum values of supply current and power are based
on VDD = 3.3V and T < 60 ° C conditions. The average is the value measured
once every two seconds.
Temperature
table 3 temperature characteristics table
-40
-20
0
20
40
60
80
Figure 3 Typical temperature error and maximum error
5.
The response time depends on the thermal conductivity of the sensor
substrate.
6.
Contact surface means The metal layer on the PCB where the SMD pads
are soldered.
7.
Solder mask The top layer of the PCB covers the insulating layer on the
connecting line.
8.
The type of solder is related to the size of the internal particles of the
solder. Type 3 sizes range from 25 – 45 μm powder.
9.
75% RH can be easily saturated NaCl is generated.
parameter
condtn
min
typ
max
unit
Resolution
typical
0.024
%RH
Accuracy
typical
±2
%RH
maximum See Figure 2
%RH
Repeatability
±0.1
%RH
Hysteresis
±1
%RH
Nonlinear
<0.1
%RH
Response
t 63%
8
S
scope
extended
0
100
%RH
Drift
normal
<0.5
%RH/yr
parameter
condtn
min
typ
max
unit
Resolution
typical
0.01
Accuracy
typical
±0.3
maximum
See Figure 3
Repeatability
±0.1
Hysteresis
±0.1
Response
t 63%
5
30
S
scope
extended3
-40
85
drift
<0.04
℃/yr
±0
±2
±4
±6
±8
±10
最大值
典型值
±0.0
±0.5
±1.0
±1.5
±2.0
最大值
典型值



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com