Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 40 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices LT3045 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
40 of 44
Figure 61. 5V 2.5A 2MHz Step-Down Converter with Fast Start-Up, and Power Good
Figure 62. Negative 10V 1.4A 2MHz Step-Down Converter with Fast Start-Up, and Power Good
10µF
47.5kΩ
1µF
49.9kΩ
1.5kΩ
453kΩ
49.9kΩ
0.1µF
1µF
10nF
82pF
1µF
1µF
L: XGL4020
3.3µH
22µF ×4
VIN
EN/UVLO
SET
RT
GND
VC
PGFB
OUTS
SW
LT83402
fSW = 2MHz
BST
INTVCC
VIN
GND
GND
5V
2.5A
VOUT
PG
VIN
24V
PIN(S) NOT USED IN THIS CIRCUIT:
SYNC/MODE
CSET: GCM21BR71H105KA03L
10µF
47.5kΩ
2.2µF
100kΩ
549kΩ
1.43MΩ
49.9kΩ
0.1µF
1µF
15nF
82pF
1µF
1µF
L: XGL4020
4.7µH
10µF ×5
VIN
EN/UVLO
SET
RT
GND
VC
PGFB
OUTS
SW
LT83402
fSW = 2MHz
BST
INTVCC
VIN
GND
GND
PG
VIN
24V
PIN(S) NOT USED IN THIS CIRCUIT:
SYNC/MODE
CSET: GCM21BR71E225KA73L
OPTIONAL
SCHOTTKY
DIODE
–10V
1.4A
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com