Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
13 of 44
Figure 10. 12VIN to 5VOUT Efficiency
Figure 11. Efficiency at 3.3VOUT
Figure 12. Efficiency at 5VOUT
Figure 13. SET Pin Current vs. Temperature
Figure 14. Set Pin Currentvs. VSET
Figure 15. Set Pin Currentvs. VIN
EFFICIENCY
POWER LOSS
L = XGL6060
1 MHz, 4.7µH, (9.1mΩ)
2 MHz, 2.2µH, (4.3mΩ)
3 MHz, 1µH, (2.5mΩ)
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
70
75
80
85
90
95
0
0.5
1.0
1.5
2.0
2.5
L = XGL6060, 8.2µH (15.2mΩ)
fSW = 500kHz
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
70
75
80
85
90
95
L = XGL6060, 8.2µH (15.2mΩ)
fSW = 500kHz
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
70
75
80
85
90
95
VIN = 12V
VOUT = 3.3V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
VIN = 42V
VSET (V)
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
VOUT = 3.3V
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com