Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 21 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
21 of 44
APPLICATIONS INFORMATION
Low-Frequency Output Noise
The LT83401/LT83402 offers many advantages with respect to noise performance in the low-frequency range
(<100kHz). Conventional step-down regulators have several sources of low-frequency noise. The most critical noise
sources for a conventional regulator are its reference, error amplifier, noise from the resistor divider network used
for setting output voltage, and the noise gain created by this resistor divider.
Unlike most step-down regulators, the LT83401/LT83402 does not use a voltage reference. Instead, it uses a 100μA
current reference. One problem that conventional step-down regulators face is that the resistor divider setting the
output voltage gains up the reference noise. In contrast, the current reference architecture employed by the
LT83401/LT83402 allows unity-gain operation to avoid gaining up the noise from the reference to the output.
Therefore, if a capacitor bypasses the SET pin resistor, the output noise is independent of the programmed output
voltage.
The resultant output noise is primarily set by the error amplifier’s noise, typically 4nV/√Hz from 10kHz to 1MHz. With
the error amplifier operating at such low noise levels, the drive stage noise of the step-down regulator may become
a non-negligible contributor to the output noise. The loop gain of the regulator gains down the drive stage noise;
therefore, the choice of the compensation network determines the drive stage noise contribution.
In general, choosing a compensation network that achieves good transient performance ensures that the drive stage
noise contribution is minimized. The Frequency Compensation section provides guidelines on how to choose
appropriate compensation. When choosing compensation, it is essential to ensure that the loop has a good phase
margin to prevent peaking in the closed-loop response. Peaking in the closed-loop response gains up the noise,
which should be avoided.
Filtering Switching Ripple and High-Frequency Noise
The LT83401/LT83402 is a switching regulator that exhibits the typical artifacts of a switching regulator at the output,
namely a ripple at the fundamental switching frequency and high-frequency spikes associated with the fast
switching edges. While the output capacitor absorbs some of these spikes, the capacitor’s Equivalent series
inductance (ESL) limits its ability to do so at high frequencies. Additional filtering at the output in the form of
feedthrough capacitors, ferrite beads, or an additional LC filter stage is recommended to eliminate these high-
frequency spikes and significantly reduce switching ripple.
If additional switching ripple reduction is required while retaining a fast transient response, ferrite beads, a Printed
circuit board (PCB) trace, or feedthrough capacitors may be used. For feedthrough capacitors, ensure sufficient
feedthrough capacitors are paralleled to carry the required load current. Figure 47 shows an example where two 1.5A-
rated feedthrough capacitors are used for additional switching ripple suppression to deliver up to 3A at the output.
In practice, this is limited to 1A for the LT83401 and 2.5A for the LT83402.
Figure 47. Additional Output Ripple Filtering Using Feedthrough Capacitors
LT83401/
LT83402
GND
SW
OUTS
2.2µH
100µF
100µF
×6
OPTIONAL
FEEDTHROUGH
CAPACITOR
1.5A RATED
4.7µF
×2
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com