Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 29 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices LT3045 Datasheet HTML 28Page - Analog Devices LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
29 of 44
Table 5. Examples of Output Capacitors with Desirable Frequency Characteristics for 2MHz Operation
PART DESCRIPTION
MANUFACTURER/PART NUMBER
22µF, X7R, 10V, 20% 1206
MURATA, GRM31CR71A226ME15K
10µF, X7R, 25V, 10% 1206
MURATA, GRM31CR71E106KA12
4.7µF, X7S, 16V, 10% 0603
MURATA, GRM188C71C475KE21
Figure 51.Frequency Characteristics of Example Output Capacitors for 2MHz Operation
Output Voltage
The LT83401/LT83402 incorporates a precision 100μA current source flowing out of the SET pin, which also connects
to the error amplifier’s non-inverting input. Figure 52 shows that connecting a resistor from SET to GND generates a
reference voltage for the error amplifier. This reference voltage is simply the product of the SET pin current and the
SET pin resistor. The error amplifier’s unity-gain configuration produces a low-impedance version of this voltage on
its inverting input, the OUTS pin, which is externally connected to the output voltage of the circuit.
Figure 52. Adjustable Reference for Error Amplifier
The LT83401/LT83402’s error amplifier and current reference allow for a wide output voltage range from 0V (using a
0Ω resistor) to 15V. A PNP-based input pair is active from VOUT equals 0V up to VIN minus 1.4V, and an NPN-based input
pair is active for output voltages where VIN – VOUT < 1V or less, with a smooth transition between the two input pairs
in between these ranges. The PNP-based input pair is designed to offer the best overall performance as it is active in
GRM31CR71A226ME15K (22µF)
GRM31CR71E106KA12 (10µF)
GRM188C71C475KE21 (4.7µF)
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
0.001
0.01
0.1
1
10
100
1k
10k
4.7µF
COUT
L
RSET
CSET
RC
CC
SET
OUTS
VC
GND
DRIVERS
SW
100µA
VIN
VIN
VOUT
LT83401/
LT83402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com