Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3045
Description  42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Data Sheet
LT83401/LT83402
analog.com
Rev. 0
16 of 44
Figure 28. Minimum On-Time vs. Temperature
Figure 29. Minimum On-Time vs. Load
Figure 30. ISET During Start-Up with Fast Start-Up Enabled
vs. Temperature
Figure 31. ISET During Start-Up with Fast Start-Up Enabled
vs. VIN to VSET Differential
Figure 32. Start-Up Time with and without Fast Start-Up
Circuitry for Large CSET
Figure 33. Soft-Start Waveforms
ILOAD = 1A
VSET = 0V, VOUT TO REGULATE TO 0V
fSW = 2MHz
FORCED CONTINUOUS MODE
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
21.0
21.5
22.0
22.5
23.0
23.5
24.0
VIN = 12V, VSET = 0V, VOUT TO REGULATE 0V
fSW = 2MHz
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
15
17
19
21
23
25
27
29
31
33
35
VSET = 1V
VIN = 3V
VIN = 12V
VIN = 18V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VPGFB = 400mV
VIN TO VSET DIFFERENTIAL (V)
0
6
12
18
24
30
36
42
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
WITH FAST START-UP
WITHOUT FAST START-UP
VIN = 6.5V, RSET = 33.3kΩ, CSET = 4.7µF
fSW = 2MHz, L = 330nH, COUT = 5× 22µF
30ms/DIV
VOUT
1V/DIV
VEN
2V/DIV
CSET = 1µF
CSET = 4.7µF
CSET = 10µF
VIN = 12V, RSET = 33.3kΩ, WITH FAST START-UP
fSW = 2MHz, L = 2.2µH, COUT = 5× 22µF, RLOAD = 5Ω
1.5ms/DIV
VEN
2V/DIV
VOUT
1V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com