Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1302 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1302
Description  High efficiency ultrafast diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1302 Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1302 Datasheet HTML 1Page - STMicroelectronics STTH1302 Datasheet HTML 2Page - STMicroelectronics STTH1302 Datasheet HTML 3Page - STMicroelectronics STTH1302 Datasheet HTML 4Page - STMicroelectronics STTH1302 Datasheet HTML 5Page - STMicroelectronics STTH1302 Datasheet HTML 6Page - STMicroelectronics STTH1302 Datasheet HTML 7Page - STMicroelectronics STTH1302 Datasheet HTML 8Page - STMicroelectronics STTH1302 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STTH1302
Characteristics
DocID8794 Rev 4
5/11
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
R
th (j-a) (°C/W )
D²PAK
Epoxy printed board FR4, copper thickness = 35 µm
SCu(cm²)
Figure 7: Reverse recovery charges versus dIF/dt
(typical values, per diode)
Figure 8: Reverse recovery time versus dIF/dt
(typical values, per diode)
Figure 9: Peak reverse recovery current versus
dIF/dt (typical values, per diode)
Figure 10: Relative variation of dynamic
parameters versus junction temperature
Figure 11: Thermal resistance junction to ambient versus copper surface under tab
0
20
40
60
80
100
120
140
160
180
200
220
240
10
100
1000
dIF/dt (A/µs)
Qrr (nC)
IF = 6.5 A
VR= 200 V
Tj = 125 °C
Tj = 25 °C
0
10
20
30
40
50
60
70
80
10
100
1000
dIF/dt (A/µs)
trr (ns)
IF = 6.5 A
VR= 100 V
Tj = 125 °C
Tj = 25 °C
0
2
4
6
8
10
12
10
100
1000
dIF/dt (A/µs)
IRM (A)
IF = 6.5 A
VR= 100 V
Tj = 125 °C
Tj = 25 °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Tj (°C)
IRM
Qrr
IF= 6.5 A
VR= 100 V
Reference: Tj = 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com